Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 37 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 37 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology LTC3891 Datasheet HTML 39Page - Linear Technology LTC3891 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
LTC3890-2
37
38902f
TYPICAL APPLICATIONS
12V SEPIC and 3.3V Step-Down Converter
MTOP2
SENSE1+
SENSE1–
VFB1
TRACK/SS2
ITH2
VFB2
SENSE2–
SENSE2+
ITH1
TRACK/SS1
ILIM
PHASMD
CLKOUT
PLLIN/MODE
SGND
EXTVCC
RUN1
RUN2
FREQ
PGOOD1
PGOOD2
BG1
CITH1A
47pF
CITH1
10nF
CSS2
0.01μF
CITH2A 47pF
CSS1
0.01μF
CITH2 4.7nF
C1
100pF
RA1
6.98k
RB1
100k
RITH1
12.1k
RB2
100k
RFREQ
41.2k
RITH2
7.15k
M1, MBOT1, MBOT2: RJK0651DPB
L1: WÜRTH 7448709100
L2: WÜRTH 7443320330
COUT1: SANYO 16TQC68M
COUT2: SANYO 6TPE470M
D1: DFLS1100
D2: PDS560
D1
LTC3890-2
RSENSE2
4mΩ
L2
3.3μH
M1
TG1
VIN
5V TO 35V
38902 TA06
INTVCC
VOUT1
VOUT1
RMODE
100k
RA2
31.6k
SW1
VOUT2
3.3V
10A
VOUT1
12V
2A
SW2
BOOST1
CB2 0.1μF
BOOST2
VIN
INTVCC
PGND
TG2
BG2
COUT2
470μF
CINT
4.7μF
RSNS1
6mΩ
MBOT2
C2
1nF
10μH
10μH
L1
6.8μF
100Ω
D2
6.8μF
6.8μF
COUT
68μF
CIN
100μF
2.2μF
x3
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com