Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 15Page - Linear Technology LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
LTC3890-2
19
38902f
APPLICATIONS INFORMATION
The inductor value has a direct effect on ripple current. The
inductor ripple current, ΔIL, decreases with higher induc-
tance or higher frequency and increases with higher VIN:
ΔI
L =
1
f
() L()
VOUT 1–
VOUT
VIN
⎛
⎝
⎜
⎞
⎠
⎟
Accepting larger values of ΔIL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is ΔIL = 0.3(IMAX). The maximum
ΔIL occurs at the maximum input voltage.
The inductor value also has secondary effects. The tran-
sition to Burst Mode operation begins when the average
inductor current required results in a peak current below
25% of the current limit determined by RSENSE. Lower
inductor values (higher ΔIL) will cause this to occur at
lower load currents, which can cause a dip in efficiency in
the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to decrease.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite or molypermalloy
cores. Actual core loss is independent of core size for a
fixed inductor value, but it is very dependent on inductance
value selected. As inductance increases, core losses go
down. Unfortunately, increased inductance requires more
turns of wire and therefore copper losses will increase.
Ferrite designs have very low core loss and are preferred
for high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates hard, which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Power MOSFET and Schottky Diode
(Optional) Selection
Two external power MOSFETs must be selected for each
controller in the LTC3890-2: one N-channel MOSFET for
the top (main) switch, and one N-channel MOSFET for the
bottom (synchronous) switch.
The peak-to-peak drive levels are set by the INTVCC voltage.
This voltage is typically 5.1V during start-up (see EXTVCC
Pin Connection). Consequently, logic-level threshold
MOSFETs must be used in most applications. Pay close
attention to the BVDSSspecificationfortheMOSFETsaswell.
Selection criteria for the power MOSFETs include the
on-resistance, RDS(ON), Miller capacitance, CMILLER, input
voltage and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge curve
usually provided on the MOSFET manufacturers’ data
sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle
=
VOUT
VIN
Synchronous Switch Duty Cycle
=
VIN − VOUT
VIN
The MOSFET power dissipations at maximum output
current are given by:
PMAIN =
VOUT
VIN
IMAX
()2 1+δ
()R
DS(ON) +
VIN
()2
IMAX
2
⎛
⎝
⎜
⎞
⎠
⎟ RDR
() C
MILLER
() •
1
VINTVCC –VTHMIN
+
1
VTHMIN
⎡
⎣
⎢
⎤
⎦
⎥ f
()
PSYNC =
VIN –VOUT
VIN
IMAX
()2 1+δ
()R
DS(ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com