Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 27Page - Linear Technology LTC3891 Datasheet HTML 28Page - Linear Technology LTC3891 Datasheet HTML 29Page - Linear Technology LTC3891 Datasheet HTML 30Page - Linear Technology LTC3891 Datasheet HTML 31Page - Linear Technology LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
LTC3890-2
31
38902f
APPLICATIONS INFORMATION
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC. These items are also illustrated graphically in the
layout diagram of Figure 11. Figure 12 illustrates the current
waveforms present in the various branches of the 2-phase
synchronous regulators operating in the continuous mode.
Check the following in your layout:
1. Are the top N-channel MOSFETs MTOP1 and MTOP2
located within 1cm of each other with a common drain
connection at CIN? Do not attempt to split the input
decoupling for the two channels as it can cause a large
resonant loop.
2. Are the signal and power grounds kept separate? The
combined IC signal ground pin and the ground return
of CINTVCC must return to the combined COUT (–) ter-
minals. The path formed by the top N-channel MOSFET,
Schottky diode and the CIN capacitor should have short
leads and PC trace lengths. The output capacitor (–)
terminals should be connected as close as possible
to the (–) terminals of the input capacitor by placing
the capacitors next to each other and away from the
Schottky loop described above.
3. Do the LTC3890-2 VFB pins’ resistive dividers connect
to the (+) terminals of COUT? The resistive divider
must be connected between the (+) terminal of COUT
and signal ground. The feedback resistor connections
should not be along the high current input feeds from
the input capacitor(s).
4. Are the SENSE– and SENSE+ leads routed together with
minimum PC trace spacing? The filter capacitor between
SENSE+ and SENSE– should be as close as possible
to the IC. Ensure accurate current sensing with Kelvin
connections at the SENSE resistor.
5. Is the INTVCC decoupling capacitor connected close
to the IC, between the INTVCC and the power ground
pins? This capacitor carries the MOSFET drivers’ cur-
rent peaks. An additional 1μF ceramic capacitor placed
immediately next to the INTVCC and PGND pins can help
improve noise performance substantially.
6. Keep the switching nodes (SW1, SW2), top gate nodes
(TG1, TG2), and boost nodes (BOOST1, BOOST2) away
from sensitive small-signal nodes, especially from
the opposites channel’s voltage and current sensing
feedback pins. All of these nodes have very large and
fast moving signals and therefore should be kept on
the output side of the LTC3890-2 and occupy minimum
PC trace area.
7. Use a modified star ground technique: a low impedance,
large copper area central grounding point on the same
side of the PC board as the input and output capacitors
with tie-ins for the bottom of the INTVCC decoupling
capacitor, the bottom of the voltage feedback resistive
divider and the SGND pin of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com