Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 11Page - Linear Technology LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology LTC3891 Datasheet HTML 14Page - Linear Technology LTC3891 Datasheet HTML 15Page - Linear Technology LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
LTC3890-2
15
38902f
OPERATION (Refer to the Functional Diagram)
With 2-phase operation, the two channels of the dual
switching regulator are operated 180 degrees out-of-phase.
This effectively interleaves the current pulses drawn by the
switches, greatly reducing the overlap time where they add
together. The result is a significant reduction in total RMS
input current, which in turn allows less expensive input
capacitors to be used, reduces shielding requirements for
EMI and improves real world operating efficiency.
Figure 1 compares the input waveforms for a representative
single-phase dual switching regulator to the LTC3890-2
2-phase dual switching regulator. An actual measurement of
the RMS input current under these conditions shows that
2-phaseoperationdroppedtheinputcurrentfrom2.53ARMS
to 1.55ARMS. While this is an impressive reduction in itself,
remember that the power losses are proportional to IRMS2,
meaning that the actual power wasted is reduced by a fac-
tor of 2.66. The reduced input ripple voltage also means
less power is lost in the input power path, which could
include batteries, switches, trace/connector resistances
and protection circuitry. Improvements in both conducted
and radiated EMI also directly accrue as a result of the
reduced RMS input current and voltage.
Of course, the improvement afforded by 2-phase opera-
tion is a function of the dual switching regulator’s relative
duty cycles which, in turn, are dependent upon the input
voltage VIN (Duty Cycle = VOUT/VIN). Figure 2 shows how
the RMS input current varies for single-phase and 2-phase
operation for 3.3V and 5V regulators over a wide input
voltage range.
It can readily be seen that the advantages of 2-phase op-
eration are not just limited to a narrow operating range,
for most applications is that 2-phase operation will reduce
the input capacitor requirement to that for just one chan-
nel operating at maximum current and 50% duty cycle.
Figure 2. RMS Input Current Comparison
INPUT VOLTAGE (V)
0
3.0
2.5
2.0
1.5
1.0
0.5
0
10
20
30
40
38902 F02
SINGLE PHASE
DUAL CONTROLLER
2-PHASE
DUAL CONTROLLER
VO1 = 5V/3A
VO2 = 3.3V/3A
IIN(MEAS) = 2.53ARMS
IIN(MEAS) = 1.55ARMS
38902 F01
5V SWITCH
20V/DIV
3.3V SWITCH
20V/DIV
INPUT CURRENT
5A/DIV
INPUT VOLTAGE
500mV/DIV
Figure 1. Input Waveforms Comparing Single-Phase (a) and 2-Phase (b) Operation for Dual Switching Regulators
Converting 12V to 5V and 3.3V at 3A Each. The Reduced Input Ripple with the 2-Phase Regulator Allows
Less Expensive Input Capacitors, Reduces Shielding Requirements for EMI and Improves Efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com