Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 12Page - Linear Technology LTC3891 Datasheet HTML 13Page - Linear Technology LTC3891 Datasheet HTML 14Page - Linear Technology LTC3891 Datasheet HTML 15Page - Linear Technology LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
LTC3890-2
16
38902f
APPLICATIONS INFORMATION
The Typical Application on the first page is a basic LTC3890-
2 application circuit. LTC3890-2 can be configured to use
either DCR (inductor resistance) sensing or low value
resistor sensing. The choice between the two current
sensing schemes is largely a design trade-off between
cost, power consumption and accuracy. DCR sensing
is becoming popular because it saves expensive current
sensing resistors and is more power efficient, especially
in high current applications. However, current sensing
resistors provide the most accurate current limits for the
controller. Other external component selection is driven
by the load requirement, and begins with the selection of
RSENSE (if RSENSE is used) and inductor value. Next, the
power MOSFETs and Schottky diodes are selected. Finally,
input and output capacitors are selected.
Current Limit Programming
The ILIM pin is a tri-level logic input which sets the maxi-
mum current limit of the controller. When ILIM is grounded,
the maximum current limit threshold voltage of the cur-
rent comparator is programmed to be 30mV. When ILIM
is floated, the maximum current limit threshold is 75mV.
When ILIM is tied to INTVCC, the maximum current limit
threshold is set to 50mV.
SENSE+ and SENSE– Pins
The SENSE+ and SENSE– pins are the inputs to the current
comparators. The common mode voltage range on these
pins is 0V to 28V (abs max), enabling the LTC3890-2 to
regulate output voltages up to a nominal 24V (allowing
margin for tolerances and transients). This common mode
range is independent of the state of the VFB pin.
The SENSE+ pin is high impedance over the full common
mode range, drawing at most ±1μA. This high impedance
allows the current comparators to be used in inductor
DCR sensing.
The impedance of the SENSE– pin changes depending on
the common mode voltage. When SENSE– is less than
INTVCC – 0.5V, a small current of less than 1μA flows out
of the pin. When SENSE– is above INTVCC + 0.5V, a higher
current (~700μA) flows into the pin. Between INTVCC –
0.5V and INTVCC + 0.5V, the current transitions from the
smaller current to the higher current.
Filter components mutual to the sense lines should be
placed close to the LTC3890-2, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 3). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. If inductor DCR
sensing is used (Figure 4b), sense resistor R1 should be
placed close to the switching node, to prevent noise from
coupling into sensitive small-signal nodes.
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
38902 F03
Figure 3. Sense Lines Placement with Inductor or Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com