Electronic Components Datasheet Search
  English  ▼

X  

LTC3891 Datasheet(PDF) 40 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 32Page - Linear Technology LTC3891 Datasheet HTML 33Page - Linear Technology LTC3891 Datasheet HTML 34Page - Linear Technology LTC3891 Datasheet HTML 35Page - Linear Technology LTC3891 Datasheet HTML 36Page - Linear Technology LTC3891 Datasheet HTML 37Page - Linear Technology LTC3891 Datasheet HTML 38Page - Linear Technology LTC3891 Datasheet HTML 39Page - Linear Technology LTC3891 Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC3890-2
40
38902f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2012
LT 1112 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
High Efficiency Dual 12V/3.3V Step-Down Converter
PART NUMBER
DESCRIPTION
COMMENTS
LTC3891
60V, Low IQ, Synchronous Step-Down DC/DC Controller
with 99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V,
0.8V ≤ VOUT ≤ 24V, TSSOP-20E, 3mm × 4mm QFN-20
LTC3857/LTC3857-1/
LTC3858/LTC3858-1
Low IQ, Dual Output 2-Phase Synchronous Step-Down
DC/DC Controllers with 99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 38V,
0.8V ≤ VOUT ≤ 24V, IQ = 50μA/170μA
LTC3834/LTC3834-1/
LTC3835/LTC3835-1
Low IQ, Single Output Synchronous Step-Down
DC/DC Controllers with 99% Duty Cycle
PLL Fixed Frequency 140kHz to 650kHz, 4V ≤ VIN ≤ 36V,
0.8V ≤ VOUT ≤ 10V, IQ = 30μA/80μA
LTC3810
100V Synchronous Step-Down DC/DC Controller
Constant On-Time Valley Current Mode, 4V ≤ VIN ≤ 100V,
0.8V ≤ VOUT ≤ 0.93VIN, SSOP-28
LTC3859A
Low IQ, Triple Output Buck/Buck/Boost Synchronous
DC/DC Controller with Improved Burst Mode Operation
Outputs (≥5V) Remain in Regulation Through Cold Crank,
2.5V ≤ VIN ≤ 38V, VOUT(BUCKS) Up to 24V, VOUT(BOOST) Up to 60V
MTOP2
SENSE1+
SENSE1–
VFB1
TRACK/SS2
ITH2
VFB2
SENSE2–
SENSE2+
ITH1
TRACK/SS1
ILIM
PHASMD
CLKOUT
PLLIN/MODE
SGND
EXTVCC
RUN1
RUN2
FREQ
PGOOD2
PGOOD1
BG1
CITH1A 100pF
CITH1 470pF
CSS2 0.01μF
CSS1 0.01μF
CITH2 1000pF
CITH2A
100pF
C1
1nF
COUT1
180μF
RA1
6.98k
RITH1
34.8k
RB1
100k
RB2
100k
RFREQ
41.2k
RITH2
34.8k
MTOP1, MTOP2, MBOT1, MBOT2: RJK0651DPB
L1: COILCRAFT SER1360-802KL
L2: COILCRAFT SER1360-472KL
COUT1: 16SVP180MX
COUT2: SANYO 6TPE470M
D1, D2: DFLS1100
D1
D2
LTC3890-2
RSENSE1
9mΩ
RSENSE2
10mΩ
L1
8μH
L2
4.7μH
MBOT1
TG1
MTOP1
VOUT1
12V
3A
VIN
12.5V TO 60V
38902 TA08
INTVCC
100k
100k
CB1
0.47μF
RA2
31.6k
SW1
VOUT2
3.3V
5A
SW2
BOOST1
CB2 0.47μF
BOOST2
VIN
INTVCC
PGND
TG2
BG2
COUT2
470μF
CINT
4.7μF
MBOT2
C2
1nF
VOUT1
CIN
100μF
2.2μF
x3
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com