Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 65 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 65 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 61Page - Zilog, Inc. Z80C30 Datasheet HTML 62Page - Zilog, Inc. Z80C30 Datasheet HTML 63Page - Zilog, Inc. Z80C30 Datasheet HTML 64Page - Zilog, Inc. Z80C30 Datasheet HTML 65Page - Zilog, Inc. Z80C30 Datasheet HTML 66Page - Zilog, Inc. Z80C30 Datasheet HTML 67Page - Zilog, Inc. Z80C30 Datasheet HTML 68Page - Zilog, Inc. Z80C30 Datasheet HTML 69Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
PS011706-0511
Electrical Characteristics
CMOS SCC Serial Communications Controller
Product Specification
57
19
TwTRXI
TRxC Low Width6
150
120
80
20
TcTRX
TRxC Cycle Time6,8
488
400
244
21
TwEXT
DCD or CTS Pulse Width
200
120
70
22
TwSY
SYNC Pulse Width
200
120
70
Table 7. Z85C30 General Timing Table (continued)
No
Symbol
Parameter
8.5MHz
10MHz
16MHz
Min
Max
Min
Max
Min
Max
Notes:
1. RxC is RTxC or TRxC, whichever is supplying the receive clock.
2. Synchronization of RxC to PCLK is eliminated in divide by four operation.
3. Parameter applies only to FM encoding/decoding.
4. TxC is TRxC or /RTxC, whichever is supplying the transmit clock.
5. External PCLK to RTxC or TxC synchronization requirement eliminated for PCLK divide-by-four operation.TRxC
and RTxC rise and fall times are identical to PCLK. Reference timing specs TfPC and TrPC.Tx and Rx input
clock slew rates should be kept to a maximum of 30 nsec. All parameters related to input CLK edges must be
referenced at the point at which the transition begins or ends, whichever is worst case.
6. Parameter applies only for transmitter and receiver; DPLL and Baud Rate Generator timing requirements are
identical to case PCLK requirements.
7. Enhanced Feature — RTxC used as input to internal DPLL only.
8. The maximum receive or transmit data rate is 1/4 PCLK.
9. Both RTxC and SYNC have 30 pF capacitors to ground connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com