Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 46 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 46 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 42Page - Zilog, Inc. Z80C30 Datasheet HTML 43Page - Zilog, Inc. Z80C30 Datasheet HTML 44Page - Zilog, Inc. Z80C30 Datasheet HTML 45Page - Zilog, Inc. Z80C30 Datasheet HTML 46Page - Zilog, Inc. Z80C30 Datasheet HTML 47Page - Zilog, Inc. Z80C30 Datasheet HTML 48Page - Zilog, Inc. Z80C30 Datasheet HTML 49Page - Zilog, Inc. Z80C30 Datasheet HTML 50Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 81 page
background image
PS011706-0511
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
38
Z85C30 Timing
The SCC generates internal control signals from the WR and RD that are related to PCLK.
PCLK has no phase relationship with WR and RD, the circuitry generating the internal
control signals provides time for meta-stable conditions to disappear. This gives rise to a
recovery time related to PCLK. The recovery time applies only between bus transactions
involving the SCC.
The recovery time required for proper operation is specified from the falling edge of WR
or RD in the first transaction involving the SCC to the falling edge of WR or RD in the
second transaction involving the SCC. This time must be at least 3 PCLKs regardless of
which register or channel is being accessed.
The Z85C30 timings are described below:
• Read Cycle Timing
•
Write Cycle Timing
•
Interrupt Acknowledge Cycle Timing
Figure 20. Read Register Bit Functions
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 13
TC8
TC9
TC10
TC11
TC12
TC13
TC14
TC15
Upper Byte
of Time Constant
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 15
0
Zero Count IE
0
DCD IE
Sync/Hunt IE
CTS IE
Tx Underrun/EOM IE
Break/Abort IE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com