Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 62 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 62 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 58Page - Zilog, Inc. Z80C30 Datasheet HTML 59Page - Zilog, Inc. Z80C30 Datasheet HTML 60Page - Zilog, Inc. Z80C30 Datasheet HTML 61Page - Zilog, Inc. Z80C30 Datasheet HTML 62Page - Zilog, Inc. Z80C30 Datasheet HTML 63Page - Zilog, Inc. Z80C30 Datasheet HTML 64Page - Zilog, Inc. Z80C30 Datasheet HTML 65Page - Zilog, Inc. Z80C30 Datasheet HTML 66Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 81 page
background image
PS011706-0511
Electrical Characteristics
CMOS SCC Serial Communications Controller
Product Specification
54
48
TwRES
WR and RD Low for
Reset
145
100
75
49a Trc
e
Valid Access Recovery
Time
3.5TcPc 3.5TcPc 3.5TcPc
49b Trci
f
RD or WR Fall to PC
Fall Setup Time
0
0
0
Table 6. Z85C30 Read/Write Timing (continued)
No
Symbol
Parameter
8.5 MHz
10 MHz
16 MHz
Min
Max
Min
Max
Min
Max
Notes:
1. Parameter does not apply to Interrupt Acknowledge transactions.
2. Open-drain output, measured with open-drain test load.
3. Parameter applies to enhanced Request mode oniy (WR7’ D4 = 1).
4. Parameter is system-dependent. For any SCC in the daisy chain, TdIAi(RD) must be greater than the sum of
TdPC(IEO) for the highest priority device in the daisy chain. TsiEI(RDA) for the SCC and TdIEI(IEO) for each
device separating them in the daisy chain.
5. Parameter applies only between transactions involving the Z85C30 SL1480, if WR/RD falling edge is synchro-
nized to PCLK falling edge, then TrC = 3TcPc.
6. This specification is only applicable when Valid Access Recovery Time is less than 35 PCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com