Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 55 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 55 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 51Page - Zilog, Inc. Z80C30 Datasheet HTML 52Page - Zilog, Inc. Z80C30 Datasheet HTML 53Page - Zilog, Inc. Z80C30 Datasheet HTML 54Page - Zilog, Inc. Z80C30 Datasheet HTML 55Page - Zilog, Inc. Z80C30 Datasheet HTML 56Page - Zilog, Inc. Z80C30 Datasheet HTML 57Page - Zilog, Inc. Z80C30 Datasheet HTML 58Page - Zilog, Inc. Z80C30 Datasheet HTML 59Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 81 page
background image
PS011706-0511
Electrical Characteristics
CMOS SCC Serial Communications Controller
Product Specification
47
Capacitance
Table 4 lists the input, output and bidirectional capacitance.
Miscellaneous
The Gate Count is 6800.
DC Characteristics
Table 5 lists the DC characteristics for the Z80C30 and Z85C30 devices.
Table 4. Capacitance
Symbol
Parameter
Min
Max
Unit
Test Condition
CIN
Input Capacitance
10
pF1
Unmeasured Pins Returned to Ground2
COUT
Output Capacitance
15
pF
CI/O
Bidirectional Capacitance
20
pF
Notes:
1. pF = 1 MHz, over specified temperature range.
2. Unmeasured pins returned to Ground.
Table 5. Z80C30/Z85C30 DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit Condition
VIH
Input High Voltage
2.2
VCC +0.3
1
V
VIL
Input Low Voltage
–0.3
0.8
V
VOH1
Output High Voltage
2.4
V
IOH = –1.6 mA
VOH2
Output High Voltage
VCC–0.8
V
IOH = –250 A
VOL
Output Low Voltage
0.4
V
IOL = +2.0 mA
IIL
Input Leakage
10.0
A0.4V
IN + 2.4 V
IOL
Output Leakage
10.0
A0.4V
OUT + 2.4 V
ICC1
VCC Supply Current
2
7
12 (10 MHz)
mA
VCC = 5V; VIH = 4.8VIL = 0
9
15 (16.384 MHz)
mA
Crystal Oscillator off
ICCOSC
Crystal OSC Current3
4
mA
Current for each OSC in
addition to ICC1
Notes:
1. VCC = SV t10% unless otherwise specified, over specified temperature range.
2. Typical ICC was measured with oscillator off.
3. No ICC (OSC) max is specified due to dependency on external circuit and frequency of oscillation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com