Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 53 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 53 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 49Page - Zilog, Inc. Z80C30 Datasheet HTML 50Page - Zilog, Inc. Z80C30 Datasheet HTML 51Page - Zilog, Inc. Z80C30 Datasheet HTML 52Page - Zilog, Inc. Z80C30 Datasheet HTML 53Page - Zilog, Inc. Z80C30 Datasheet HTML 54Page - Zilog, Inc. Z80C30 Datasheet HTML 55Page - Zilog, Inc. Z80C30 Datasheet HTML 56Page - Zilog, Inc. Z80C30 Datasheet HTML 57Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
PS011706-0511
Electrical Characteristics
CMOS SCC Serial Communications Controller
Product Specification
45
Electrical Characteristics
The electrical characteristics of the Z80C30 and the Z85C30 devices are described in the
following sections.
Absolute Maximum Ratings
Stresses greater than those listed in Table 3 may cause permanent damage to the device
This is a stress rating only. Operation of the device at any condition above those indicated
in the operational sections of these specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Standard Test Conditions
The DC Characteristics and capacitance sections below apply for the following standard
test conditions, unless otherwise noted. All voltages are referenced to GND. Positive cur-
rent flows into the referenced pin. See Figure 27 and Figure 28.
• +4.50V  V
cc  + 5.50 V
• GND = 0V
• T
A (see Ordering Information)
Table 3. Absolute Maximum Ratings
Vcc Supply Voltage range
–0.3V to +7.0V
Voltages on all pins with respect to GND
–3V to VCC +0.3V
TA Operating Ambient Temperature
See Ordering Information
Storage Temperature
–65°C to +150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com