Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 41Page - Zilog, Inc. Z80C30 Datasheet HTML 42Page - Zilog, Inc. Z80C30 Datasheet HTML 43Page - Zilog, Inc. Z80C30 Datasheet HTML 44Page - Zilog, Inc. Z80C30 Datasheet HTML 45Page - Zilog, Inc. Z80C30 Datasheet HTML 46Page - Zilog, Inc. Z80C30 Datasheet HTML 47Page - Zilog, Inc. Z80C30 Datasheet HTML 48Page - Zilog, Inc. Z80C30 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 81 page
background image
PS011706-0511
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
37
Read Registers
The SCC contains ten Read registers (eleven, counting the receive buffer (RR8) in each
channel). Four of these can be read to obtain status information (RR0, RR1, RR10, and
RR15). Two registers (RR12 and RR13) are read to learn the Baud Rate Generator time
constant. RR2 contains either the unmodified interrupt vector (Channel A) or the vector
modified by status information (Channel B). RR3 contains the Interrupt Pending (IP) bits
(Channel A only; see Figure 19). RR6 and RR7 contain the information in the SDLC
Frame Status FIFO, but is only read when WR15 D2 is set (see Figures 19 and 20 ).
Figure 19. Read Register Bit Functions
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 0
Rx Character Available
Zero Count
Tx Buffer Empty
DCD
Sync/Hunt
CTS
Tx Underrun/EOM
Break/Abort
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 1
All Sent
Residue Code 2
Residue Code 1
Residue Code 0
Parity Error
Rx Overrun Error
CRC/Framing Error
End of Frame (SDLC)
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 2
V0
V1
V2
V3
V4
V5
V6
V7
Interrupt
Vector *
* Modified in B Channel
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 12
TC0
TC1
TC2
TC3
TC4
TC5
TC6
TC7
Lower Byte
of Time Constant
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 10
0
On Loop
0
0
Loop Sending
0
Two Clocks Missing
One Clocks Missing
D7 D6 D5 D4 D3 D2 D1 D0
Read Register 3
Channel B Ext/Status IP
Channel B Tx IP
Channel B Rx IP
Channel A Ext/Status IP
Channel A Tx IP
Channel A Rx IP
0
0
*
* Always 0 in B Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com