Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 48 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 48 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 44Page - Zilog, Inc. Z80C30 Datasheet HTML 45Page - Zilog, Inc. Z80C30 Datasheet HTML 46Page - Zilog, Inc. Z80C30 Datasheet HTML 47Page - Zilog, Inc. Z80C30 Datasheet HTML 48Page - Zilog, Inc. Z80C30 Datasheet HTML 49Page - Zilog, Inc. Z80C30 Datasheet HTML 50Page - Zilog, Inc. Z80C30 Datasheet HTML 51Page - Zilog, Inc. Z80C30 Datasheet HTML 52Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
PS011706-0511
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
40
Write Cycle Timing
Figure 22 displays Write cycle timing. Addresses on A/B and D/C and the status on
INTACK must remain stable throughout the cycle. If CE falls after WR falls, or if CE rises
before WR rises, the effective WR is shortened. Data must be valid before the rising edge
of WR.
Interrupt Acknowledge Cycle Timing
Figure 23 displays an Interrupt Acknowledge cycle timing. Between the time INTACK
goes Low and the falling edge of RD, the internal and external IEI/IEO daisy chains settle.
If there is an interrupt pending in the SCC and IEI is High when RD falls, the Acknowl-
edge cycle is intended for the SCC. In this case, the SCC can be programmed to respond to
RD Low by placing its interrupt vector on D7-D0. It then sets the appropriate Interrupt-
Under-Service latch internally.
If the external daisy chain is not used, AC parameter #38 is required to settle the interrupt
priority daisy chain internal to the SCC. If the external daisy chain is used, you must fol-
low the equation in Table 6 on page 50 for calculating the required daisy-chain settle time.
Figure 22. Write Cycle Timing
Ad
Add
A
Address Valid
Data Valid
WR
D7-D0
CE
INTACK
A/B, D/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com