Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 34 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 30Page - Zilog, Inc. Z80C30 Datasheet HTML 31Page - Zilog, Inc. Z80C30 Datasheet HTML 32Page - Zilog, Inc. Z80C30 Datasheet HTML 33Page - Zilog, Inc. Z80C30 Datasheet HTML 34Page - Zilog, Inc. Z80C30 Datasheet HTML 35Page - Zilog, Inc. Z80C30 Datasheet HTML 36Page - Zilog, Inc. Z80C30 Datasheet HTML 37Page - Zilog, Inc. Z80C30 Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
PS011706-0511
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
26
message later. For each SDLC frame, a 14-bit byte count and 5 status/error bits are stored.
The byte count and status bits are accessed through Read Registers 6 and 7. Read Regis-
ters 6 and 7 are only accessible when the SDLC FIFO is enabled. The 10 x 19 status FIFO
is separate from the 3-byte receive data FIFO.
Baud Rate Generator
Each channel in the SCC contains a programmable Baud Rate Generator (BRG). Each
generator consists of two 8-bit time constant registers that form a 16-bit time constant, a
16-bit down counter, and a flip-flop on the output producing a square wave. On startup,
the output flip-flop is set in a High state, the value in the time constant register is loaded
into the counter, and the counter starts counting down. The output of the BRG toggles
when reaching 0, the value in the time constant register is loaded into the counter, and the
process is repeated. The time constant can be changed at any time, but the new value does
not take effect until the next load of the counter.
The output of the BRG can be used as either the transmit clock, the receive clock, or both.
It can also drive the Digital Phase-locked loop (see Digital Phase-Locked Loop).
If the receive clock or transmit clock is not programmed to come from the TRxC pin, the
output of the BRG can be echoed out through the TRxC pin. The following formula relates
the time constant to the baud rate where PCLK or RTxC is the BRG input frequency in
Hertz. The clock mode is 1, 16, 32, or 64, as selected in Write Register 4, bits D6 and D7.
Synchronous operation modes select 1 and Asynchronous modes select 16, 32 or 64.
Digital Phase-Locked Loop
The SCC contains a Digital Phase-Locked Loop (DPLL) to recover clock information
from a data stream with NRZI or FM encoding. The DPLL is driven by a clock that is
nominally 32 (NRZI) or 16 (FM) times the data rate. The DPLL uses this clock, along with
the data stream, to construct a clock for the data. This clock is used as the SCC receive
clock, the transmit clock, or both. When the DPLL is selected as the transmit clock source,
it provides a jitter-free clock output that is the DPLL input frequency divided by the
appropriate divisor for the selected encoding technique.
For NRZI encoding, the DPLL counts the 32x clock to create nominal bit times. As the
32x clock is counted, the DPLL is searching the incoming data stream for edges (either 1
to 0, or 0 to 1). Whenever an edge is detected, the DPLL makes a count adjustment (during
the next counting cycle), producing a terminal count closer to the center of the bit cell.
Time Constant =
PCLK or RTxC Frequency
2(Baud Rate)(Clock Mode)
-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com