Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 30 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 26Page - Zilog, Inc. Z80C30 Datasheet HTML 27Page - Zilog, Inc. Z80C30 Datasheet HTML 28Page - Zilog, Inc. Z80C30 Datasheet HTML 29Page - Zilog, Inc. Z80C30 Datasheet HTML 30Page - Zilog, Inc. Z80C30 Datasheet HTML 31Page - Zilog, Inc. Z80C30 Datasheet HTML 32Page - Zilog, Inc. Z80C30 Datasheet HTML 33Page - Zilog, Inc. Z80C30 Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 81 page
background image
PS011706-0511
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
22
SCC Data Communications Capabilities
The SCC provides two independent full-duplex programmable channels for use in any
common asynchronous or synchronous data communication protocols; see Figure 9. Each
data communication channel has identical feature and capabilities.
Asynchronous Modes
Send and Receive is accomplished independently on each channel with five to eight bits
per character, plus optional even or odd parity. The transmitters can supply one, one-and-
a-half, or two stop bits per character and can provide a break output at any time. The
receiver break-detection logic interrupts the CPU both at the start and at the end of a
received break.
Reception is protected from spikes by a transient spike-rejection mechanism that checks
the signal one-half a bit time after a Low level is detected on the receive data input (RxDA
or RxDB pins). If the Low does not persist (a transient), the character assembly process
does not start.
Figure 9. SCC Protocols
Flag
Address
Information
CRC1
CRC2
Information
Flag
Data
SYNC
CRC1
Signal
CRC1
CRC2
Marking Line
Data
CRC2
SYNC
Data
Data
CRC1
CRC2
SYNC
Data
Data
Start
SDLC/HDLC/X.25
Parity
Stop
Data
Data
Data
Marking Line
External Sync
Bisync
Monosync
Asynchronous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com