Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 7Page - Zilog, Inc. Z80C30 Datasheet HTML 8Page - Zilog, Inc. Z80C30 Datasheet HTML 9Page - Zilog, Inc. Z80C30 Datasheet HTML 10Page - Zilog, Inc. Z80C30 Datasheet HTML 11Page - Zilog, Inc. Z80C30 Datasheet HTML 12Page - Zilog, Inc. Z80C30 Datasheet HTML 13Page - Zilog, Inc. Z80C30 Datasheet HTML 14Page - Zilog, Inc. Z80C30 Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 81 page
background image
PS011706-0511
General Description
CMOS SCC Serial Communications Controller
Product Specification
3
General Description
The Z80C30/Z85C30 Serial Communications Controller (SCC), is a pin and software
compatible CMOS member of the SCC family introduced by Zilog in 1981. It is a dual-
channel, multiprotocol data communications peripheral that easily interfaces with CPU’s
with either multiplexed or nonmultiplexed address/data buses.
The advanced CMOS process offers lower power consumption, higher performance, and
superior noise immunity. The programming flexibility of the internal registers allow the
SCC to be configured to various serial communications applications.
The many on-chip features such as Baud Rate Generators (BRG), Digital Phase Locked
Loops (DPLL), and crystal oscillators reduce the need for an external logic.
Additional features include a 10 x 19-bit status FIFO and 14-bit byte counter to support
high speed SDLC transfers using DMA controllers.
The SCC handles asynchronous formats, synchronous byte-oriented protocols such as
IBM Bisync, and synchronous bit-oriented protocols such as HDLC and IBM SDLC. This
device supports virtually any serial data transfer application (for example, cassette,
diskette, tape drives, etc.).
The device generates and checks CRC codes in any synchronous mode and can be
programmed to check data integrity in various modes. The SCC also contains facilities for
modem controls in both channels. In applications where these controls are not required,
the modem controls can be used for general-purpose I/O. The daisy-chain interrupt hierar-
chy is also supported.
Figure 1 displays a block diagram of the SCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com