Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 29 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 29 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 25Page - Zilog, Inc. Z80C30 Datasheet HTML 26Page - Zilog, Inc. Z80C30 Datasheet HTML 27Page - Zilog, Inc. Z80C30 Datasheet HTML 28Page - Zilog, Inc. Z80C30 Datasheet HTML 29Page - Zilog, Inc. Z80C30 Datasheet HTML 30Page - Zilog, Inc. Z80C30 Datasheet HTML 31Page - Zilog, Inc. Z80C30 Datasheet HTML 32Page - Zilog, Inc. Z80C30 Datasheet HTML 33Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 81 page
background image
PS011706-0511
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
21
The Vector Includes Status (VIS) and No Vector (NV) bits in WR9 are ignored when bit
05 is set to 1.
When the INTACK and IEI pins are not being used, they should be pulled up to VCC
through a resistor (10 K
 typical).
CPU/DMA Block Transfer
The SCC provides a Block Transfer mode to accommodate CPU block transfer functions
and DMA controllers. The Block Transfer mode uses the WAIT/REOUEST output in con-
junction with the Wait/Request bits in WR1. The WAIT/REOUEST output can be
defined under software control as a WAIT line in the CPU Block Transfer mode or as a
REQUEST line in the DMA Block Transfer mode.
To a DMA controller, the SCC REQUEST output indicates that the SCC is ready to trans-
fer data to or from memory To the CPU, the WAIT line indicates that the ESCC is not
ready to transfer data, thereby requesting that the CPU extend the I/O cycle. The DTR/
REQUEST line allows full-duplex operation under DMA control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com