Electronic Components Datasheet Search
  English  ▼

X  

Z80C30 Datasheet(PDF) 36 Page - Zilog, Inc.

Part # Z80C30
Description  CMOS SCC Serial Communications Controller
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80C30 Datasheet(HTML) 36 Page - Zilog, Inc.

Back Button Z80C30 Datasheet HTML 32Page - Zilog, Inc. Z80C30 Datasheet HTML 33Page - Zilog, Inc. Z80C30 Datasheet HTML 34Page - Zilog, Inc. Z80C30 Datasheet HTML 35Page - Zilog, Inc. Z80C30 Datasheet HTML 36Page - Zilog, Inc. Z80C30 Datasheet HTML 37Page - Zilog, Inc. Z80C30 Datasheet HTML 38Page - Zilog, Inc. Z80C30 Datasheet HTML 39Page - Zilog, Inc. Z80C30 Datasheet HTML 40Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 81 page
background image
PS011706-0511
Functional Descriptions
CMOS SCC Serial Communications Controller
Product Specification
28
Auto Echo and Local Loopback
The SCC is capable of automatically echoing everything it receives. This feature is useful
mainly in Asynchronous modes, but works in Synchronous and SDLC modes as well.
Auto Echo mode (Tx0 is Rx0) is used with NRZI or FM encoding with no additional delay
because the data stream is not decoded before retransmission. In Auto Echo mode, the
CTS input is ignored as a transmitter enable (although transitions on this input can still
cause interrupts if programmed to do so). In this mode, the transmitter is actually bypassed
and the programmer is responsible for disabling transmitter interrupts and WAIT/
REQUEST on transmit.
The SCC is also capable of local loopback. In this mode, TxD or RxD is similar to Auto
Echo mode. However, in Local Loopback mode the internal transmit data is tied to the
internal receive data and RxD is ignored (except to be echoed out through TxD). The CTS
and DCD inputs are also ignored as transmit and receive enables. However, transitions on
these inputs can still cause interrupts. Local Loopback works in Asynchronous, Synchro-
nous and SDLC modes with NRZ, NRZI or FM coding of the data stream.
SDLC FIFO Frame Status FIFO Enhancement
The SCC’s ability to receive high speed back-to-back SDLC frames is maximized by a 10-
deep by 19-bit wide status FIFO. When enabled (through WR15, bit D2), it provides the
Figure 12. Data Encoding Methods
Data
NRZ
NRZI
FM1
FM0
Manchester
11
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com