Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 11 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 11 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 7Page - Intel Corporation 82563EB Datasheet HTML 8Page - Intel Corporation 82563EB Datasheet HTML 9Page - Intel Corporation 82563EB Datasheet HTML 10Page - Intel Corporation 82563EB Datasheet HTML 11Page - Intel Corporation 82563EB Datasheet HTML 12Page - Intel Corporation 82563EB Datasheet HTML 13Page - Intel Corporation 82563EB Datasheet HTML 14Page - Intel Corporation 82563EB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
5
3.0
Signal Descriptions
3.1
Signal Type Definitions
The signals of 82563EB/82564EB are defined as follows:
• I:
Standard input-only signal
• I (T): Functional input signal implemented as a bidirectional for test
• O:
Standard output-only signal
• O (T):Functional output signal implemented as a bidirectional for test
• I/O: Bi-directional, tri-state input/output signal
• A:
Analog signal
• A-in: Analog input signal
• A-o: Analog output signal
• P:
Power signal
• G:
Ground signal
• NC: No connect (these signals must not be connected to any traces or planes)
• B:
Input bias
Signals may be further qualified to indicate whether an internal pull-up or pull-down is normally
active. Unless otherwise stated, internal pull-up and pull-down impedances are between 50 K
Ω:
and 130 K
Ω.
• PU:
Internal pull-up to VDD
• PD:
Internal pull-down to VSS
Note:
It may be desirable to leave some input signals as no-connects in certain system applications that
rely on a device’s internal pull-up or pull-down signal to be active. Care should be taken to ensure
there are no long traces, such as far-away test points or errant trace routings, on any inputs which
rely solely on internal pull-devices. Excess capacitance of dangling traces may generate charge
and/or noise on inputs which exceeds the capability of the internal pull-device, leading to
unpredictable component behavior.
In addition to a primary type, each pin can be classified according to one of the following sub-types
based on its electrical characteristics, such as input and output voltages and drive strengths.
• TTL: TTL compatible inputs
• TTL3: TTL compatible pins with at least 3mA drive strength
• TTL6: TTL compatible pins with at least 6mA drive strength
• TTL8: TTL compatible pins with at least 8mA drive strength
• TTL12:TTL compatible pins with at least 12mA drive strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com