Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 37 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 37 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 33Page - Intel Corporation 82563EB Datasheet HTML 34Page - Intel Corporation 82563EB Datasheet HTML 35Page - Intel Corporation 82563EB Datasheet HTML 36Page - Intel Corporation 82563EB Datasheet HTML 37Page - Intel Corporation 82563EB Datasheet HTML 38Page - Intel Corporation 82563EB Datasheet HTML 39Page - Intel Corporation 82563EB Datasheet HTML 40Page - Intel Corporation 82563EB Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
31
4.7
Crystal
The quartz crystal is strongly recommended as a low cost and high performance choice with the
82563EB/82564EB device. Quartz crystals are the mainstay of frequency control components and
are available from numerous vendors in many package types with various specification options
4.7.1
External Clock Oscillator
If using an external oscillator to provide a clock to the 82563EB/82564EB, the connection shown
in Figure 9 must be used. Note that the XTAL2 output of the 82563EB/82564EB must not be
connected. The XTAL1 input receives the output of the oscillator directly; AC coupling is not
recommended.
Figure 9. External Clock Oscillator Connectivity to 82563EB/82564EB
Table 31. Crystal Parameters
Parameter
Suggested Value
Conditions
Vibrational Mode
Fundamental
Nominal Frequency
25.000 MHz
at 25° C
Frequency Tolerance
•
±30 ppm recommended
•
±50 ppm across the entire operating
temperature range (required by IEEE
specifications)
at 25° C
Temperature Tolerance
±30 ppm
at 0° C to 70° C
Calibration Mode
Parallel
Load Capacitance
27 pF
Shunt Capacitance
6 pF maximum
Equivalent Series Resistance
50
Ω maximum
at 25 MHz
Drive Level
750
µW
Aging
±5 ppm per year maximum
3.3V
82563EB/82564EB
XTAL1
XTAL2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com