Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 36 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 36 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 32Page - Intel Corporation 82563EB Datasheet HTML 33Page - Intel Corporation 82563EB Datasheet HTML 34Page - Intel Corporation 82563EB Datasheet HTML 35Page - Intel Corporation 82563EB Datasheet HTML 36Page - Intel Corporation 82563EB Datasheet HTML 37Page - Intel Corporation 82563EB Datasheet HTML 38Page - Intel Corporation 82563EB Datasheet HTML 39Page - Intel Corporation 82563EB Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
30
4.6.3.1
Electrical Idle Detection
The 82563EB/82564EB detects that the 631xESB/632xESB has gone into electrical idle when it
senses that the differential voltage has gone below and is remaining below a threshold voltage.
Note:
When the differential peak to voltage is below 65 mV (37.5 mV differential peak), the 82563EB/
82564EB detects that the 631xESB/632xESB has gone into electrical idle. This voltage
corresponds to the minimum output voltage in Electrical Idle plus some noise margin.
When the differential peak to peak voltage is above 200 mV (100 mV differential peak), the
82563EB/82564EB detects that the 631xESB/632xESB is not in electrical idle. This voltage
corresponds to the minimum valid receive level.
4.6.3.2
Electrical Idle Output
The following parameters relate to electrical idle output and the transition into and out of electrical
idle.
Table 29. Kumeran (Serial) Electrical Idle Detection
Symbol
Parameter
Min
Typ
Max
Unit
VRX_IDLE_DET_DIFFp-p
Voltage range to detect electrical idle (differ-
ential peak to peak)
65
-
200
mV
VRX_IDLE_DET_DIFFp
Voltage range to detect electrical idle (differ-
ential peak to peak)
37.5
-
100
mV
Table 30. Kumeran (Serial) Electrical Idle Output
Symbol
Parameter
Min
Typ
Max
Unit
VTX_IDLE_DIFFp
Electrical Idle peak output voltage.
0
-
20
mV
VTX_IDLE_MON
Minimum time spent in electrical idle.
400
-
100
mV
VTX_IDLE_SET_TO_IDLE
Maximum time for to transition to a valid
electrical idle after electrical idle detected.
1ms
TTX_IDLE_TO-DIFF-DATA
Maximum time to transition to valid transmit
after leaving electrical idle.
340
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com