Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 12 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 12 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 8Page - Intel Corporation 82563EB Datasheet HTML 9Page - Intel Corporation 82563EB Datasheet HTML 10Page - Intel Corporation 82563EB Datasheet HTML 11Page - Intel Corporation 82563EB Datasheet HTML 12Page - Intel Corporation 82563EB Datasheet HTML 13Page - Intel Corporation 82563EB Datasheet HTML 14Page - Intel Corporation 82563EB Datasheet HTML 15Page - Intel Corporation 82563EB Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
6
3.2
Shared PHY Pins
3.3
MDIO Interface
Table 1.
Shared PHY Pins
Signal Name
Pin
Type
Sub-
Type
Description
PHY_REF
50
B
B
PHY Reference
External 4.99 K
Ω ± 1% resistor connection to VSS.
Table 2.
MDIO Interface Pins
Note:
For normal operation, the MDIO interface is strapped externally according to Table 39 due to
MDIO being an in-band operation.
Signal Name
Pin
Type
Sub-
Type
Description
MDC
77
I (T)
TTL
Management Data Clock
This signal is received from the 631xESB/632xESB as a clock
timing reference for information transfer on the MDIO signal. It is
not required to be a continuous signal and can be frozen when
no management data is transferred. This signal has a maximum
operating frequency of 2.5 MHz.
A 1 - 10 K
Ω ± 5% pull-down resistor should be connected to this
pin.
MDIO
76
I/O
PU
TTL6
Management Data Input/Output
Bi-directional data signal of the management data interface.
This pin has an internal pull-up. This signal can be left
disconnected (or pulled up) if not used.
MDIO_ADD[0]
MDIO_ADD[1]
MDIO_ADD[2]
MDIO_ADD[3]
78
79
18
19
I (T)
TTL
Bits 4:1 of MDIO address
These bits are latched at the assertion of PHY_PWR_GOOD or
the de-assertion of PHY_RESET_N or PHY_SLEEP. They set
the MDIO address as follows:
•
bit 1 = MDIO_ADD[0]
•
bit 2 = MDIO_ADD[1]
•
bit 3 = MDIO_ADD[2]
•
bit 4 = MDIO_ADD[3]
A 1 -10 k
Ω ± 5% pull-down resistor should be connected to each
of these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com