Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 15 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 15 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 11Page - Intel Corporation 82563EB Datasheet HTML 12Page - Intel Corporation 82563EB Datasheet HTML 13Page - Intel Corporation 82563EB Datasheet HTML 14Page - Intel Corporation 82563EB Datasheet HTML 15Page - Intel Corporation 82563EB Datasheet HTML 16Page - Intel Corporation 82563EB Datasheet HTML 17Page - Intel Corporation 82563EB Datasheet HTML 18Page - Intel Corporation 82563EB Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
9
3.7
Reset, Power Down, and Initialization Signals
3.8
JTAG and IEEE Interface
Table 6.
Reset and Power Down Signals
Signal Name
Pin
Type
Sub-
Type
Description
PHY_PWR_GOOD
83
I
TTL
Power Good (Power-On Reset)
The PHY_PWR_GOOD signal indicates good power is
available for The device. When set to 0b, the entire chip will be
held in a reset state.
PHY_RESET_N
81
I
TTL
Reset
When set to 0b, resets the device, including PHY and Kumeran
logic. Needs an external pull-up resistor if the signal isn’t
continuously being driven from an external source.
PHY_SLEEP
80
I (T)
TTL
Sleep / Power Down
This will power down the PHY and the Kumeran of both ports.
Needs an external pull-down resistor, if the signal isn’t
continuously being driven from an external source.
TEST_JTAG
95
I PU
TTL
Enable JTAG Pin Control
This pin should be pulled high through a 1 to 10 K
Ω 5% resistor
in normal operation.
Table 7.
JTAG Signals
Signal Name
Pin
Type
Sub-
Type
Description
JTAG_TCK
100
I
TTL
JTAG Clock
This pin should be pulled high through a 1 to 10 K
Ω 5% resistor
in normal operation.
JTAG_TDI
1
I PU
TTL
JTAG Serial Data Input
If not using JTAG, this pin may be pulled high through a 1 to
10 K
Ω 5% resistor
JTAG_TDO
99
O
TTL3
JTAG Serial Data Output
JTAG_TMS
3
I PU
TTL
JTAG TMS Input
If not using JTAG, this pin may be pulled high through a 1 to
10 K
Ω 5% resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com