Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 40 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 40 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 36Page - Intel Corporation 82563EB Datasheet HTML 37Page - Intel Corporation 82563EB Datasheet HTML 38Page - Intel Corporation 82563EB Datasheet HTML 39Page - Intel Corporation 82563EB Datasheet HTML 40Page - Intel Corporation 82563EB Datasheet HTML 41Page - Intel Corporation 82563EB Datasheet HTML 42Page - Intel Corporation 82563EB Datasheet HTML 43Page - Intel Corporation 82563EB Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
34
Table 34. Power Supply Characteristics - D0a (Both Ports)
D0a (Both Ports)
Unplugged/No Link
10 Mb/s Operation
100 Mb/s Operation
1000 Mb/s Operation
Typ Icc
(mA)
Max Icc
(mA)
Typ Icc
(mA)
Max Icc
(mA)
Typ Icc
(mA)
Max Icc
(mA)
Typ Icc
(mA)
Max Icc
(mA)
3.3 V
1247
202222233536
1.9 V
11
11
33337979
411
411
1.2 V
20
26
140
140
165
165
345
345
Total
Device
Power
145 mW
635 mW
878 mW
2610 mW
Table 35. Power Supply Characteristics - D3cold - Wake Up Enabled (Both Ports)
D3cold - Wake Up Enabled (Both Ports)
D3cold - Wake Up
Disabled (Both Ports)
Unplugged/No Link
10 Mb/s Operation
100 Mb/s Operation
Typ Icc
(mA)
Max Icc
(mA)
Typ Icc
(mA)
Max Icc
(mA)
Typ Icc
(mA)
Max Icc
(mA)
Typ Icc
(mA)
Max Icc
(mA)
3.3 V
1247
212222231212
1.9 V
11
11
33337979
11
11
1.2 V
20
26
140
140
166
166
12
12
Total
Device
Power
145 mW
640 mW
879 mW
115 mW
Table 36. Power Supply Characteristics - Uninitialized/Disabled
Uninitialized/Disabled
D(n) Uninitialized
(PHY PWR GOOD =
0b)
Disableda
(via Flash Address)
a. Equivalent to PHY_SLEEP = 1b and/or PHY_RESET_N = 0b.
Typ Icc
(mA)
Max Icc
(mA)
Typ Icc
(mA)
Max Icc
(mA)
3.3 V
10
13
11
13
1.9 V
18
20
19
19
1.2 V
2
2
7
12
Total
Device
Power
116 mW
120 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com