Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 17 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 13Page - Intel Corporation 82563EB Datasheet HTML 14Page - Intel Corporation 82563EB Datasheet HTML 15Page - Intel Corporation 82563EB Datasheet HTML 16Page - Intel Corporation 82563EB Datasheet HTML 17Page - Intel Corporation 82563EB Datasheet HTML 18Page - Intel Corporation 82563EB Datasheet HTML 19Page - Intel Corporation 82563EB Datasheet HTML 20Page - Intel Corporation 82563EB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
11
3.11
Clock Generator Interface
3.12
Power/Ground Pins
Table 10. Clock Generator Related Signals
Signal Name
Pin
Type
Sub-
Type
Description
XTAL1
21
I
TTL
25 MHz Clock/Crystal Input
25 MHz +/- 50 ppm input. Can be connected to an oscillator or a
crystal. If using a crystal, XTAL2 must be connected as well. If a
crystal is used, it must be placed within ½-inch of the XTAL1 and
XTAL2 chip pins.
XTAL2
20
A-o
A
25 MHz Crystal Output
Output of internal oscillator circuit used to drive crystal into
oscillation. If using an oscillator, XTAL2 is left as a no connect.
PHY_CLK_OUT
96
O
TTL8
Clock Output
Output clock available for use by a 631xESB/632xESB or other
component(s).
The speed depends on the how LINK_A is sampled at
LAN_PWR_GOOD assertion:
If LINK_A is 0b, the clock speed is 62.5 MHz.
If LINK_A is 1b, the clock speed is 25 MHz.
The output clock can be disabled depending on how LINK_B is
sampled at LAN_PWR_GOOD assertion:
If LINK_B is 0b: Clock output enabled (pulled-down).
If LINK_B is 1b: Clock output disabled (no connect).
Table 11. Power/Ground Pins (Sheet 1 of 2)
Signal Name
Pin
Type
Sub-
Type
Description
VSS
Central
Pad
GG
Ground Exposed-Pad*
The ground is provided through a large central pad on the
bottom side of the package.
VSS
89
G
G
Ground
VDDO
11
22
60
75
97
PP
3.3V I/O Ring Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com