Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 35 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 35 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 31Page - Intel Corporation 82563EB Datasheet HTML 32Page - Intel Corporation 82563EB Datasheet HTML 33Page - Intel Corporation 82563EB Datasheet HTML 34Page - Intel Corporation 82563EB Datasheet HTML 35Page - Intel Corporation 82563EB Datasheet HTML 36Page - Intel Corporation 82563EB Datasheet HTML 37Page - Intel Corporation 82563EB Datasheet HTML 38Page - Intel Corporation 82563EB Datasheet HTML 39Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
29
Note:
TDR measurements are recorded times. Record time = TDR transmit time *2.
The receiver expects to receive a signal meeting the following eye diagram.
Figure 8. Kumeran (Serial) Receive Eye Diagram
4.6.3
Electrical Idle
The Kumeran interface also implements electrical idle. As a result, it needs to:
• Detect when the 631xESB/632xESB has gone into electrical idle
• Go into electrical idle
Common Mode Return
Loss
6-
-
dB
TDR Rise
-
85
-
Ω
Impedance at Connection
70
100
130
Table 28. Kumeran (Serial) Receive Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
675mV
100mV
0mV
-100mV
-675mV
2.4
45.6
08
Time (ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com