Electronic Components Datasheet Search
  English  ▼

X  

82563EB Datasheet(PDF) 34 Page - Intel Corporation

Part # 82563EB
Description  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB Datasheet(HTML) 34 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 30Page - Intel Corporation 82563EB Datasheet HTML 31Page - Intel Corporation 82563EB Datasheet HTML 32Page - Intel Corporation 82563EB Datasheet HTML 33Page - Intel Corporation 82563EB Datasheet HTML 34Page - Intel Corporation 82563EB Datasheet HTML 35Page - Intel Corporation 82563EB Datasheet HTML 36Page - Intel Corporation 82563EB Datasheet HTML 37Page - Intel Corporation 82563EB Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
28
The differential peak and differential peak to peak voltage is defined as follows:
• VDIFFp = max (|V+ - V-|)
• VDIFFp-p = (2* VDIFFp)
In addition, the transmitter must meet the following eye diagram.
Figure 7. Kumeran (Serial) Transmit Eye Diagram
4.6.2
Receive
The receiver operates with less than 10
-12 Bit Error Rate (BER) when the received signal meets
valid voltage and timing specifications and is delivered from a balanced 100
Ω source.
675mV
375mV
0mV
-375mV
-675mV
1.12
2.72
5.28
6.88
08
Time (ns)
Table 28. Kumeran (Serial) Receive Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes
Data Rate (original data)
999.9
1000
1000.1
Mb/s
1000 mb/s ± 100 ppm
Signaling Speed (raw
data rate of encoded
data)
1249.875
1250
1250.125
V
1250 mb/s ± 100 ppm
Clock Tolerance
-100
-
+100
ppm
VSENSp-p
Sensitivity (differential
peak to peak)
200
-
1350
mV
VSENSp
Sensitivity (differential
peak)
100
-
675
mV
Equivalent to VSENSp-p
Differential Skew
-
-
175
ps
Differential Return Loss
10
-
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com