Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 35Page - Texas Instruments AMC7812 Datasheet HTML 36Page - Texas Instruments AMC7812 Datasheet HTML 37Page - Texas Instruments AMC7812 Datasheet HTML 38Page - Texas Instruments AMC7812 Datasheet HTML 39Page - Texas Instruments AMC7812 Datasheet HTML 40Page - Texas Instruments AMC7812 Datasheet HTML 41Page - Texas Instruments AMC7812 Datasheet HTML 42Page - Texas Instruments AMC7812 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
CH0
CH1
CH14
CH15
ADC
REF-DAC
REF-OUT
DAC-0
DAC0-OUT
Reference
(2.5V)
ADC-REF-IN/CMP
ControlLogic: Bit
ADC-REF-INT= ‘0’
ControlLogic:
BitPREF= ‘0’
Ext.
Ref.
Ext.
Ref.
CH0
CH1
CH14
CH15
ADC
REF-DAC
REF-OUT
DAC-0
DAC0-OUT
Reference
(2.5V)
ADC-REF-IN/CMP
ControlLogic: Bit
ADC-REF-INT= ‘1’
ControlLogic:
BitPREF= ‘1’
C>470nF
(Minimize
Inductance
toPin)
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
REFERENCE OPERATION
The following sections describe the operation of the internal and external references.
Internal Reference
The AMC7812 includes a 2.5V internal reference. The internal reference is externally available at the REF-OUT
pin. A 100pF to 10nF capacitor is recommended between the reference output and GND for noise filtering. The
internal reference is a bipolar transistor-based, precision bandgap voltage reference. The output current is limited
by design to approximately 100mA.
The internal reference drives all temperature sensors. When connecting the REF-OUT pin to the REF-DAC pin,
the internal reference works as the DAC reference.
The ADC-REF-IN/CMP pin has a dual function. When an external reference is connected to this pin, the external
reference is used as the ADC reference. When a compensation capacitor ( 4.7µF, typical) is connected between
this pin and AGND, the internal reference is used as the ADC reference. When using an external reference to
drive the ADC, the ADC-REF-INT bit in AMC Configuration Register 0 must be cleared ('0') to turn off the ADC
reference buffer. When using the internal reference to drive the ADC, the ADC-REF-INT bit in AMC Configuration
Register 0 must be set to '1' to turn on the ADC reference buffer.
External Reference
Figure 89 shows how the external reference is used as the DAC reference when applied on the DAC-REF pin,
and as the ADC reference when applied on the ADC-REF pin. Figure 90 shows the use of the internal reference.
Figure 89. Use of the External Reference
Figure 90. Use of the Internal Reference
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com