Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 71 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 67Page - Texas Instruments AMC7812 Datasheet HTML 68Page - Texas Instruments AMC7812 Datasheet HTML 69Page - Texas Instruments AMC7812 Datasheet HTML 70Page - Texas Instruments AMC7812 Datasheet HTML 71Page - Texas Instruments AMC7812 Datasheet HTML 72Page - Texas Instruments AMC7812 Datasheet HTML 73Page - Texas Instruments AMC7812 Datasheet HTML 74Page - Texas Instruments AMC7812 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 92 page
background image
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
ADC CHANNEL REGISTER 0 (Read/Write, Address = 50h, Default = 0000h)
MSB
LSB
BIT 15 BIT 14 BIT 13
BIT 12
BIT 11 BIT 10
BIT 9
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DF
DF
0
SE0
SE1
(CH0+/
SE2
SE3
(CH2+/
SE4
SE5
SE6
SE7
SE8
SE9
SE10
SE11
SE12
CH1–)
CH3–)
These bits specify the external analog auxiliary input channels (CH0 to CH12) to be converted. The specified
channel(s) is accessed sequentially in order from bit 14 to bit 0. The input is converted when the corresponding
bit is set ('1').
Bit 15
Reserved. Writing to this bit causes no change. Reading this bit returns '0'.
Bits 14, 13, 11, 10, 8:0
SE0 to SE12. External single-ended analog input for CHn. The result is stored in ADC-n-Data Register in
straight binary format.
Bit 12
DF (CH0+CH1–). External analog differential input pair, CH0 and CH1, with CH0 as positive and CH1 as
negative. The difference of (CH0 – CH1) is converted and the result is stored in the ADC-0-Data Register in twos
complement format.
DF(CH2+/CH3-). External analog differential input pair, CH2 and CH3, with CH2 as positive and CH3 as
Bit 9
negative. The difference of (CH2 – CH3) is converted and the result is stored in the ADC-2-Data Register in twos
complement format.
Table 23. CH0 and CH1 Bit Settings
BIT 14
BIT 13
BIT 12
DESCRIPTION
1
1
0
CH0 and CH1 are both accessed as single-ended inputs. Bit 12 is ignored.
1
0
0
CH0 is accessed as a single-ended input. CH1 is not accessed. Bit 12 is ignored.
0
1
0
CH1 is accessed as a singled-ended. CH0 is not accessed. Bit 12 is ignored.
0
0
1
Differential input pair CH0 + and CH1– is accessed as a differential input.
0
0
0
CH0, CH1, and differential pair CH0+/CH1– are not accessed.
Table 24. CH2 and CH3 Bit Settings
BIT 11
BIT 10
BIT 9
DESCRIPTION
1
1
0
CH2 and CH3 are both accessed as single-ended inputs. Bit 9 is ignored.
1
0
0
CH2 is accessed as a single-ended input. CH3 is not accessed. Bit 9 is ignored.
0
1
0
CH3 is accessed as a singled-end input. CH2 is not accessed. Bit 9 is ignored.
0
0
1
Differential input pair CH2+ and CH3– is accessed as a differential input.
0
0
0
CH2, CH3, and differential pair CH2+/CH3– are not accessed.
Table 25. CH4 to CH12 Bit Settings
BIT 8
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DESCRIPTION
1
—
—
—
—
—
—
—
—
CH4 is accessed as a single-ended input
—
1
—
—
—
—
—
—
—
CH5 is accessed as a single-ended input
—
—
1
—
—
—
—
—
—
CH6 is accessed as a single-ended input
—
—
—
1
—
—
—
—
—
CH7 is accessed as a single-ended input
—
—
—
—
1
—
—
—
—
CH8 is accessed as a single-ended input
—
—
—
—
—
1
—
—
—
CH9 is accessed as a single-ended input
—
—
—
—
—
—
1
—
—
CH10 is accessed as a single-ended input
—
—
—
—
—
—
—
1
—
CH11 is accessed as a single-ended input
—
—
—
—
—
—
—
—
1
CH12 is accessed as a single-ended input
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com