Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 45Page - Texas Instruments AMC7812 Datasheet HTML 46Page - Texas Instruments AMC7812 Datasheet HTML 47Page - Texas Instruments AMC7812 Datasheet HTML 48Page - Texas Instruments AMC7812 Datasheet HTML 49Page - Texas Instruments AMC7812 Datasheet HTML 50Page - Texas Instruments AMC7812 Datasheet HTML 51Page - Texas Instruments AMC7812 Datasheet HTML 52Page - Texas Instruments AMC7812 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
POWER SUPPLY SEQUENCE
The preferred (not required) order for applying power is IOVDD, DVDD/AVDD and then AVCC. All registers
initialize to the default values after these supplies have been established. Communication with the AMC7812 will
be valid after a 250µS maximum power-on reset delay. The default state of all analog blocks is off as determined
by the power-down register (6Bh). Before writing to this register, a hardware reset should be issued to ensure
specified operation of the AMC7812. Communication to the AMC7812 will be valid after a maximum 250µS reset
delay from the rising edge of RESET.
If DVDD falls below 2.7V, the minimum supply value of DVDD, either a hardware or power-on reset should be
issued before proper operation can be resumed.
To avoid activating the ESD protection diodes of the AMC7812, GPIO-4, GPIO-5, GPIO-6 and GPIO-7 inputs
should not be applied before the AVDD is established. Also, if using the external reference configuration of the
ADC, ADC-REF-IN/CMP should not be applied before AVDD.
PRIMARY COMMUNICATION INTERFACE
The AMC7812 communicates with the system controller through the primary communication interface, which can
be configured as either an I2C-compatible two-wire bus or an SPI bus. When the SPI/I2C pin is tied to ground,
the I2C interface is enabled, and the SPI is disabled. When the SPI/I2C pin is tied to IOVDD, the I2C interface is
disabled, and SPI is enabled.
I2C-Compatible Interface
This device uses a two-wire serial interface compatible with the I2C-bus specification, version 2.1. The bus
consists of a data line (SDA) and a clock line (SCL) with pull-up structures. When the bus is idle, both SDA and
SCL lines are pulled high. All the I2C-compatible devices connect to the I2C bus through open-drain I/O pins SDA
and SCL. A master device, usually a micro controller or a digital signal processor, controls the bus. The master is
responsible for generating the SCL signal and device addresses. The master also generates specific conditions
that indicate the start and stop of data transfers. A slave device receives and/or transmits data on the bus under
control of the master device. The AMC7812 works as a slave and supports the following data transfer modes, as
defined in the I2C-bus specification: standard mode (100kbps), fast mode (400kbps), and high-speed mode
(3.4Mbps). The data transfer protocol for standard and fast modes is exactly the same; therefore, they are
referred to as F/S mode in this document. The protocol for high-speed mode is different from the F/S mode, and
is referred to as Hs mode. The AMC7812 supports 7-bit addressing. However 10-bit addressing and general call
addressing are not supported. The slave address of the AMC7812 is determined by the status of pins A0, A1,
and A2, as shown in Table 8.
Table 8. Slave Addresses
A0
A1
A2
SLAVE ADDRESS
GND
GND
GND
1100001
GND
GND
IOVDD
1100010
GND
IOVDD
GND
1100100
GND
IOVDD
IOVDD
1100101
IOVDD
GND
GND
0101100
IOVDD
GND
IOVDD
0101101
IOVDD
IOVDD
GND
0101110
IOVDD
IOVDD
IOVDD
0101111
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com