Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 20Page - Texas Instruments AMC7812 Datasheet HTML 21Page - Texas Instruments AMC7812 Datasheet HTML 22Page - Texas Instruments AMC7812 Datasheet HTML 23Page - Texas Instruments AMC7812 Datasheet HTML 24Page - Texas Instruments AMC7812 Datasheet HTML 25Page - Texas Instruments AMC7812 Datasheet HTML 26Page - Texas Instruments AMC7812 Datasheet HTML 27Page - Texas Instruments AMC7812 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
0V to VREF Mode
0V to (2
⋅ V
REF) Mode
TA = +25°C
VREF = 2.5V, Internal
Single−Ended Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
TA (°C)
0V to VREF Mode
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
INL Max
INL Min
TA (°C)
0V to VREF Mode
VREF = 2.5V, Internal
Differential Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
INL Max
INL Min
TA (°C)
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Differential Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
INL Max
INL Min
TA (°C)
0V to VREF Mode
VREF = 2.5V, Internal
Single−Ended Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
INL Max
INL Min
TA (°C)
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
AMC7812
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS: ADC (continued)
At +25°C, unless otherwise noted.
LINEARITY ERROR vs TEMPERATURE
LINEARITY ERROR vs TEMPERATURE
Figure 55.
Figure 56.
LINEARITY ERROR vs TEMPERATURE
LINEARITY ERROR vs TEMPERATURE
Figure 57.
Figure 58.
GAIN ERROR vs SUPPLY
GAIN ERROR vs TEMPERATURE
Figure 59.
Figure 60.
24
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com