Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 5Page - Texas Instruments AMC7812 Datasheet HTML 6Page - Texas Instruments AMC7812 Datasheet HTML 7Page - Texas Instruments AMC7812 Datasheet HTML 8Page - Texas Instruments AMC7812 Datasheet HTML 9Page - Texas Instruments AMC7812 Datasheet HTML 10Page - Texas Instruments AMC7812 Datasheet HTML 11Page - Texas Instruments AMC7812 Datasheet HTML 12Page - Texas Instruments AMC7812 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
PIN DESCRIPTIONS
PIN (QFN / HTQFP)
DESCRIPTION
NO.
NAME
1
RESET
Reset input, active low. Logic low on this pin causes the device to perform a hardware reset.
Data available indicator, active low output. In direct mode, the DAV pin goes low (active) when the conversion
2
DAV
ends. In auto mode, a 1µs pulse (active low) appears on this pin when a conversion cycle finishes (see the
Primary ADC Operation and Registers sections for details). DAV stays high when deactivated.
3
CNVT
External conversion trigger, active low. The falling edge starts the sampling and conversion of the ADC.
Serial interface data. SDI for the serial peripheral interface (SPI) when the SPI/I2C pin is high. SDA for I2C
4
SDI/SDA
when the SPI/I2C pin is low.
Serial clock input of the main serial interface. SPI clock when the SPI/I2C pin is high; I2C clock when the
5
SCLK/SCL
SPI/I2C pin is low.
6
DGND
Digital ground
7
IOVDD
Interface power supply
8
DVDD
Digital power supply (+3V to +5V). Must be the same value as AVDD.
Chip select signal for SPI when the SPI/I2C pin is high. Slave address selection A0 for I2C when the SPI/I2C
9
CS/A0
pin is low.
10
SDO/A1
SDO for SPI when the SPI/I2C pin is high. Slave address selection A1 for I2C when the SPI/I2C pin is low.
11
A2
Slave address selection A2 for I2C when the SPI/I2C pin is low.
Interface selection pin. Digital input. When this pin is tied to IOVDD, the SPI is enabled and the I
2C interface is
12
SPI/I2C
disabled. When this pin is tied to ground, the SPI is disabled and the I2C interface is enabled.
13
GPIO-0
14
GPIO-1
General-purpose digital input/output. This pin is a bidirectional open-drain, digital input/output, and requires an
external pull-up resistor. See the General Purpose Input/Output Pins section for more details.
15
GPIO-2
16
GPIO-3
DAC clear control signal, digital input, active low. When low, all DACs associated with the DAC-CLR-0 pin enter
a clear state, the DAC Latch is loaded with predefined code, and the output is set to the corresponding level.
17
DAC-CLR-0
However, the DAC-Data Register does not change. When the DAC goes back to normal operation, the DAC
Latch is loaded with the previous data from the DAC-Data Register and the output returns to the previous level,
regardless of the status of the SLDAC-n bit. When this pin is high, the DACs are in normal operation.
18
DAC5-OUT
19
DAC4-OUT
Output of DAC channels 3, 4, and 5
20
DAC3-OUT
21
AGND4
Analog ground
22
AGND3
Positive analog power for DAC0-OUT, DAC1-OUT, DAC2-OUT, DAC3-OUT, DAC4-OUT, DAC5-OUT, must be
23
AVCC2
tied to AVCC1
24
DAC2-OUT
25
DAC1-OUT
Output of DAC channels 0, 1, and 2
26
DAC0-OUT
27
D2–/GPIO-6
Remote sensor D2 negative input when D2 enabled; GPIO-6 when D2 disabled. Pull-up required for output.
28
D2+/GPIO-7
Remote sensor D2 positive input when D2 enabled; GPIO-7 when D2 disabled. Pull-up required for output.
29
D1–/GPIO4
Remote sensor D1 negative input when D1 enabled; GPIO-6 when D1 disabled. Pull-up required for output.
30
D1+/GPIO-5
Remote sensor D1 positive input when D1 enabled; GPIO-7 when D1 disabled. Pull-up required for output.
External ADC reference input when external VREF is used to drive ADC. Compensation capacitor connection
31
ADC-REF-IN/CMP
(connect 4.7µF capacitor between this pin and AGND) when Internal VREF is used to drive ADC.
32
ADC-GND
ADC ground. Must be connected to AGND.
33-
Analog inputs of channel 0 to 15. CH4 to CH15 are single-ended. CH0, CH1, CH2, and CH3 can be
CH0 to CH15
48
programmed as differential or single-ended.
49
AVDD1
Positive analog power supply
50
AVDD2
51
DAC6-OUT
52
DAC7-OUT
Output of DAC channels 6, 7, and 8
53
DAC8-OUT
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com