Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 18Page - Texas Instruments AMC7812 Datasheet HTML 19Page - Texas Instruments AMC7812 Datasheet HTML 20Page - Texas Instruments AMC7812 Datasheet HTML 21Page - Texas Instruments AMC7812 Datasheet HTML 22Page - Texas Instruments AMC7812 Datasheet HTML 23Page - Texas Instruments AMC7812 Datasheet HTML 24Page - Texas Instruments AMC7812 Datasheet HTML 25Page - Texas Instruments AMC7812 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 92 page
background image
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to VREF Mode
VREF = 2.5V, Internal
Differential Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to VREF Mode
VREF = 2.5V, Internal
Differential Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to VREF Mode
VREF = 2.5V, Internal
Single−Ended Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to VREF Mode
VREF = 2.5V, Internal
Single−Ended Mode
AMC7812
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS: ADC
At +25°C, unless otherwise noted.
DIFFERENTIAL LINEARITY ERROR vs CODE
LINEARITY ERROR vs CODE
Figure 43.
Figure 44.
DIFFERENTIAL LINEARITY ERROR vs CODE
LINEARITY ERROR vs CODE
Figure 45.
Figure 46.
DIFFERENTIAL LINEARITY ERROR vs CODE
LINEARITY ERROR vs CODE
Figure 47.
Figure 48.
22
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com