Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 9Page - Texas Instruments AMC7812 Datasheet HTML 10Page - Texas Instruments AMC7812 Datasheet HTML 11Page - Texas Instruments AMC7812 Datasheet HTML 12Page - Texas Instruments AMC7812 Datasheet HTML 13Page - Texas Instruments AMC7812 Datasheet HTML 14Page - Texas Instruments AMC7812 Datasheet HTML 15Page - Texas Instruments AMC7812 Datasheet HTML 16Page - Texas Instruments AMC7812 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
t
6
t
5
SDO
Bit23(A)
Bit0(A)
CS
SCLK
SDI
Bit0(B)
Bit23(A)
Bit0(A)
Bit23(B)
(CommandtoA)
(CommandtoB)
t
9
t
4
t
F
t
R
t
8
t
2
t
3
t
1
t
7
SDI
SCLK
SDO
CS
t
7
t
9
Bit23
Bit22
Bit0
Bit1
ReadCommand
AnyCommand
DataReadfromtheRegisterSelected
inthePreviousReadOperation
Bit23
Bit22
Bit0
Bit1
Bit0
Bit23
t
2
t
4
t
3
t
1
t
F
t
R
t
5
t
6
Bit22
t
1
-- Don’tCare
Bit23=MSB
t
4
Bit23
CS
SCLK
SDI
t
F
Bit0
Bit1
t
R
t
10
t
8
t
7
t
2
t
3
t
1
t
6
t
5
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
SPI TIMING DIAGRAMS
Figure 3. SPI Single-Chip Write Operation
Figure 4. SPI Single-Chip Read Operation
Figure 5. Daisy-Chain Operation: Two Devices
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com