Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 23Page - Texas Instruments AMC7812 Datasheet HTML 24Page - Texas Instruments AMC7812 Datasheet HTML 25Page - Texas Instruments AMC7812 Datasheet HTML 26Page - Texas Instruments AMC7812 Datasheet HTML 27Page - Texas Instruments AMC7812 Datasheet HTML 28Page - Texas Instruments AMC7812 Datasheet HTML 29Page - Texas Instruments AMC7812 Datasheet HTML 30Page - Texas Instruments AMC7812 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
0
200
400
600
800
1000
100
1k
10k
100k
1M
Frequency (Hz)
TA = +25°C
Gain = 2
VREF = 2.5V, Internal
−20
−15
−10
−5
0
5
10
15
20
0
4
8
12
16
20
Time (s)
TA = +25°C
0
10
20
30
40
50
TemperatureDrift(ppm/°C )
30Units
TA = -40°Cto+105°C
2.495
2.497
2.499
2.501
2.503
2.505
−10
−8
−6
−4
−2
0
2
4
6
8
10
ILOAD (mA)
TA = +25°C
−40 −25 −10
5
20
35
50
65
80
95
110 125
2.495
2.497
2.499
2.501
2.503
2.505
TA (°C)
10 Units
2.499
2.4995
2.5
2.5005
2.501
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
TA = +25°C
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS: INTERNAL REFERENCE
At +25°C, unless otherwise noted.
OUTPUT VOLTAGE vs TEMPERATURE
OUTPUT VOLTAGE vs SUPPLY
Figure 69.
Figure 70.
OUTPUT VOLTAGE vs OUTPUT CURRENT
OUTPUT VOLTAGE DRIFT
Figure 71.
Figure 72.
INTERNAL REFERENCE NOISE vs FREQUENCY
INTERNAL REFERENCE NOISE 0.1Hz to 10Hz
Figure 73.
Figure 74.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com