Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 26Page - Texas Instruments AMC7812 Datasheet HTML 27Page - Texas Instruments AMC7812 Datasheet HTML 28Page - Texas Instruments AMC7812 Datasheet HTML 29Page - Texas Instruments AMC7812 Datasheet HTML 30Page - Texas Instruments AMC7812 Datasheet HTML 31Page - Texas Instruments AMC7812 Datasheet HTML 32Page - Texas Instruments AMC7812 Datasheet HTML 33Page - Texas Instruments AMC7812 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
2
VDM
2
VDM
V
COMMON
V -
IN
AMC7812
V +
IN
(a)
V1
V2
V -
IN
AMC7812
V +
IN
(b)
AMC7812
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
www.ti.com
Single-Ended Analog Input
In applications where the signal source has high impedance, it is recommended to buffer the analog input before
applying it to the ADC. The analog input range can be programmed to be either 0V to VREF or 0V to (2 · VREF). In
2 · VREF mode, the input is effectively divided by two before the conversion takes place. Note that the voltage
with respect to GND on the ADC analog input pins cannot exceed AVDD.
Fully-Differential Input
When the AMC7812 is configured as a differential input, the differential signal is defined as VDM, as shown in
Figure 81(a). It is the equivalent of the difference between the signals of V1 and V2, as shown in Figure 81(b).
The common-mode input VCOMMON is equal to (V1 + V2)/2.
When the conversion occurs, only the differential mode voltage (VDM) is converted; the common mode voltage
(VCOMMON) is rejected. This process results in a virtually noise-free signal with a maximum amplitude of –VREF to
+VREF for VREF range, or (–2 · VREF) to (+2 · VREF) for (2 · VREF) range. The results are stored in straight binary or
twos complement format.
Figure 81. Fully-Differential Analog Input
PRIMARY ADC OPERATION
The following sections describe the operation of the primary ADC.
ADC Trigger Signals (see AMC Configuration Register 0)
The ADC can be triggered externally by the falling edge of the external trigger CNVT, or internally by writing to
the ICONV bit in AMC Configuration Register 0. The ADC Channel Registers specify which external analog
channel is converted.
When a new trigger activates, the ADC stops any existing conversion immediately and starts a new cycle. For
example, the ADC is programmed to sample channel 0 to channel 3 repeatedly (auto-mode). During the
conversion of channel 1, an external trigger is activated. The ADC stops the conversion of channel 1 immediately
and starts the conversion of channel 0 again, instead of proceeding to convert channel 2.
Conversion Mode
Two types of ADC conversions are available: direct mode and auto mode. The CMODE (conversion mode) bit of
the AMC Configuration 0 Register specifies the conversion mode.
In direct mode, each analog channel within the specified group is converted a single time. After the last channel
is converted, the ADC goes into an idle state and waits for a new trigger.
Auto mode is a continuous operation. In auto mode, each analog channel within the specified group is converted
sequentially and repeatedly.
The flow chart of the ADC conversion sequence in Figure 82 shows the conversion process.
30
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com