Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 21Page - Texas Instruments AMC7812 Datasheet HTML 22Page - Texas Instruments AMC7812 Datasheet HTML 23Page - Texas Instruments AMC7812 Datasheet HTML 24Page - Texas Instruments AMC7812 Datasheet HTML 25Page - Texas Instruments AMC7812 Datasheet HTML 26Page - Texas Instruments AMC7812 Datasheet HTML 27Page - Texas Instruments AMC7812 Datasheet HTML 28Page - Texas Instruments AMC7812 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 92 page
background image
5
6
7
8
9
10
11
12
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
TA = +25°C
−40 −25 −10
5
20
35
50
65
80
95
110 125
7
8
9
10
11
12
TA (°C)
460
470
480
490
500
510
520
530
540
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AVDD (V)
TA = +25°C
−40 −25 −10
5
20
35
50
65
80
95
110 125
460
470
480
490
500
510
520
530
540
TA (°C)
0
5
10
15
20
ConversionFrequency(kHz)
972Units
−40 −25 −10
5
20
35
50
65
80
95
110 125
−5
−4
−3
−2
−1
0
1
2
3
4
5
TA (dB)
0V to VREF Mode
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS: ADC (continued)
At +25°C, unless otherwise noted.
OFFSET vs TEMPERATURE
CONVERSION FREQUENCY
Figure 61.
Figure 62.
CONVERSION FREQUENCY vs SUPPLY
CONVERSION FREQUENCY vs TEMPERATURE
Figure 63.
Figure 64.
SUPPLY CURRENT vs SUPPLY VOLTAGE
SUPPLY CURRENT vs TEMPERATURE
Figure 65.
Figure 66.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com