Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 2 Page - Texas Instruments

  AMC7812 Datasheet HTML 1Page - Texas Instruments AMC7812 Datasheet HTML 2Page - Texas Instruments AMC7812 Datasheet HTML 3Page - Texas Instruments AMC7812 Datasheet HTML 4Page - Texas Instruments AMC7812 Datasheet HTML 5Page - Texas Instruments AMC7812 Datasheet HTML 6Page - Texas Instruments AMC7812 Datasheet HTML 7Page - Texas Instruments AMC7812 Datasheet HTML 8Page - Texas Instruments AMC7812 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
AMC7812
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
RELATIVE
DIFFERENTIAL
SPECIFIED
ACCURACY
NONLINEARITY
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
PRODUCT
(LSB)
(LSB)
LEAD
DESIGNATOR
RANGE
MARKING
QFN-64
RGC
–40°C to +105°C
AMC7812
AMC7812
±1
±1
HTQFP-64
PAP
–40°C to +105°C
AMC7812
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
AMC7812
UNIT
AVDD to GND
–0.3 to +6
V
DVDD to GND
–0.3 to +6
V
IOVDD to GND
–0.3 to +6
V
AVCC to GND
–0.3 to +18
V
DVDD to DGND
–0.3 to +6
V
Analog input voltage to GND
–0.3 to AVDD + 0.3
V
ALARM, GPIO-0, GPIO-1, GPIO-2, GPIO-3, SCLK/SCL, and SDI/SDA to GND
–0.3 to +6
V
D1+/GPIO-4, D1–/GPIO-5, D2+/GPIO-6, D2–/GPIO-7 to GND
–0.3 to AVDD + 0.3
V
Digital input voltage to DGND
–0.3 to IOVDD + 0.3
V
SDO and DAV to GND
–0.3 to IOVDD + 0.3
V
Operating temperature range
–40 to +105
°C
Storage temperature range
–40 to +150
°C
Junction temperature range (TJ max)
+150
°C
Human body model (HBM)
2.5
kV
ESD ratings
Charged device model (CDM)
1.0
kV
(1)
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
THERMAL INFORMATION
AMC7812
THERMAL METRIC(1)
RGC (QFN)
PAP (HTQFP)
UNITS
64 PINS
64 PINS
θJA
Junction-to-ambient thermal resistance
24.1
33.7
θJCtop
Junction-to-case (top) thermal resistance
8.1
9.5
θJB
Junction-to-board thermal resistance
3.2
9.0
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.3
ψJB
Junction-to-board characterization parameter
3.3
8.9
θJCbot
Junction-to-case (bottom) thermal resistance
0.6
0.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com