Electronic Components Datasheet Search
  English  ▼

X  

AMC7812 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC7812
Description  12, 12-Bit DACs with Programmable Outputs: ??0V to 5V, ??0V to 12.5V
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC7812 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC7812 Datasheet HTML 19Page - Texas Instruments AMC7812 Datasheet HTML 20Page - Texas Instruments AMC7812 Datasheet HTML 21Page - Texas Instruments AMC7812 Datasheet HTML 22Page - Texas Instruments AMC7812 Datasheet HTML 23Page - Texas Instruments AMC7812 Datasheet HTML 24Page - Texas Instruments AMC7812 Datasheet HTML 25Page - Texas Instruments AMC7812 Datasheet HTML 26Page - Texas Instruments AMC7812 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
0V to VREF Mode
VREF = 2.5V, Internal
Differential Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Differential Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
0V to VREF Mode
VREF = 2.5V, Internal
Single−Ended Mode
−40 −25 −10
5
20
35
50
65
80
95
110 125
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
DNL Max
DNL Min
TA (°C)
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Single−Ended Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Differential Mode
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
512
1024
1536
2048
2560
3072
3584
4096
Code
TA = +25°C
0V to (2
⋅ V
REF) Mode
VREF = 2.5V, Internal
Differential Mode
AMC7812
www.ti.com
SBAS513D – JANUARY 2011 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS: ADC (continued)
At +25°C, unless otherwise noted.
DIFFERENTIAL LINEARITY ERROR vs CODE
LINEARITY ERROR vs CODE
Figure 49.
Figure 50.
DIFFERENTIAL LINEARITY ERROR vs TEMPERATURE
DIFFERENTIAL LINEARITY ERROR vs TEMPERATURE
Figure 51.
Figure 52.
DIFFERENTIAL LINEARITY ERROR vs TEMPERATURE
DIFFERENTIAL LINEARITY ERROR vs TEMPERATURE
Figure 53.
Figure 54.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: AMC7812



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com