Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 36 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 36 Page - Analog Devices

Back Button OP191 Datasheet HTML 32Page - Analog Devices OP191 Datasheet HTML 33Page - Analog Devices OP191 Datasheet HTML 34Page - Analog Devices OP191 Datasheet HTML 35Page - Analog Devices OP191 Datasheet HTML 36Page - Analog Devices OP191 Datasheet HTML 37Page - Analog Devices OP191 Datasheet HTML 38Page - Analog Devices OP191 Datasheet HTML 39Page - Analog Devices OP191 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 36 of 88
ADuC842/ADuC843 Configuration SFR (CFG842)
The CFG842 SFR contains the necessary bits to configure the
internal XRAM, external clock select, PWM output selection,
DAC buffer, and the extended SP for both the ADuC842 and the
ADuC843. By default, it configures the user into 8051 mode, i.e.,
extended SP is disabled and internal XRAM is disabled. On the
ADuC841, this register is the CFG841 register and is described
on the next page.
CFG842
ADuC842/ADuC843 Config SFR
SFR Address
AFH
Power-On Default
00H
Bit Addressable
No
Table 13. CFG842 SFR Bit Designations
Bit No.
Name
Description
7
EXSP
Extended SP Enable.
When set to 1 by the user, the stack rolls over from SPH/SP = 00FFH to 0100H.
When set to 0 by the user, the stack rolls over from SP = FFH to SP = 00H.
6
PWPO
PWM Pin Out Selection.
Set to 1 by the user to select P3.4 and P3.3 as the PWM output pins.
Set to 0 by the user to select P2.6 and P2.7 as the PWM output pins.
5
DBUF
DAC Output Buffer.
Set to 1 by the user to bypass the DAC output buffer.
Set to 0 by the user to enable the DAC output buffer.
4
EXTCLK
Set by the user to 1 to select an external clock input on P3.4.
Set by the user to 0 to use the internal PLL clock.
3
RSVD
Reserved. This bit should always contain 0.
2
RSVD
Reserved. This bit should always contain 0.
1
MSPI
Set to 1 by the user to move the SPI functionality of MISO, MOSI, and SCLOCK to P3.3, P3.4, and P3.5,
respectively.
Set to 0 by the user to leave the SPI functionality as usual on MISO, MOSI, and SCLOCK pins.
0
XRAMEN
XRAM Enable Bit.
When set to 1 by the user, the internal XRAM is mapped into the lower 2 kBytes of the external address
space.
When set to 0 by the user, the internal XRAM is not accessible, and the external data memory is
mapped into the lower 2 kBytes of external data memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com