Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 28 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 28 Page - Analog Devices

Back Button OP191 Datasheet HTML 24Page - Analog Devices OP191 Datasheet HTML 25Page - Analog Devices OP191 Datasheet HTML 26Page - Analog Devices OP191 Datasheet HTML 27Page - Analog Devices OP191 Datasheet HTML 28Page - Analog Devices OP191 Datasheet HTML 29Page - Analog Devices OP191 Datasheet HTML 30Page - Analog Devices OP191 Datasheet HTML 31Page - Analog Devices OP191 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 28 of 88
Table 11. Some Single-Supply Op Amps
Op Amp Model
Characteristics
OP281/OP481
Micropower
OP191/OP291/OP491
I/O Good up to VDD, Low Cost
OP196/OP296/OP496
I/O to VDD, Micropower, Low Cost
OP183/OP283
High Gain-Bandwidth Product
OP162/OP262/OP462
High GBP, Micro Package
AD820/AD822/AD824
FET Input, Low Cost
AD823
FET Input, High GBP
Keep in mind that the ADC’s transfer function is 0 V to VREF,
and that any signal range lost to amplifier saturation near
ground will impact dynamic range. Though the op amps in
Table 11 are capable of delivering output signals that very
closely approach ground, no amplifier can deliver signals all the
way to ground when powered by a single supply. Therefore, if a
negative supply is available, you might consider using it to
power the front end amplifiers. If you do, however, be sure to
include the Schottky diodes shown in Figure 31 (or at least the
lower of the two diodes) to protect the analog input from
undervoltage conditions. To summarize this section, use the
circuit in Figure 31 to drive the analog input pins of the parts.
Voltage Reference Connections
The on-chip 2.5 V band gap voltage reference can be used as the
reference source for the ADC and DACs. To ensure the accuracy
of the voltage reference, you must decouple the CREF pin to
ground with a 0.47 µF capacitor, as shown in Figure 32. Note
that this is different from the ADuC812/ADuC831/ADuC832.
BUFFER
BUFFER
0.47
µF
51
Ω
VREF = NC
CREF
2.5V
BAND GAP
REFERENCE
ADuC841/ADuC842/ADuC843
Figure 32. Decoupling VREF and CREF
If the internal voltage reference is to be used as a reference for
external circuitry, the CREF output should be used. However, a
buffer must be used in this case to ensure that no current is
drawn from the CREF pin itself. The voltage on the CREF pin is that
of an internal node within the buffer block, and its voltage is
critical for ADC and DAC accuracy. The parts power up with
their internal voltage reference in the off state.
If an external voltage reference is preferred, it should be
connected to the CREF pin as shown in Figure 33. Bit 6 of the
ADCCON1 SFR must be set to 1 to switch in the external
reference voltage.
To ensure accurate ADC operation, the voltage applied to CREF
must be between 1 V and AVDD. In situations where analog
input signals are proportional to the power supply (such as in
some strain gage applications), it may be desirable to connect
the CREF pin directly to AVDD. Operation of the ADC or DACs
with a reference voltage below 1 V, however, may incur loss of
accuracy, eventually resulting in missing codes or non-
monotonicity. For that reason, do not use a reference voltage
lower than 1 V.
BUFFER
51
Ω
CREF
EXTERNAL
VOLTAGE
REFERENCE
1 = EXTERNAL
0 = INTERNAL
0.1
µF
2.5V
BAND GAP
REFERENCE
ADuC841/ADuC842/ADuC843
ADCCON1.6
VDD
VREF = NC
Figure 33. Using an External Voltage Reference
Configuring the ADC
The parts’ successive approximation ADC is driven by a divided
down version of the master clock. To ensure adequate ADC
operation, this ADC clock must be between 400 kHz and
8.38 MHz. Frequencies within this range can be achieved easily
with master clock frequencies from 400 kHz to well above
16 MHz, with the four ADC clock divide ratios to choose from.
For example, set the ADC clock divide ratio to 8 (i.e., ADCCLK
= 16.777216 MHz/8 = 2 MHz) by setting the appropriate bits in
ADCCON1 (ADCCON1.5 = 1, ADCCON1.4 = 0). The total
ADC conversion time is 15 ADC clocks, plus 1 ADC clock for
synchronization, plus the selected acquisition time (1, 2, 3, or 4
ADC clocks). For the preceding example, with a 3-clock
acquisition time, total conversion time is 19 ADC clocks (or
9.05 µs for a 2 MHz ADC clock).
In continuous conversion mode, a new conversion begins each
time the previous one finishes. The sample rate is then simply
the inverse of the total conversion time described previously. In
the preceding example, the continuous conversion mode sample
rate is 110.3 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com