Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 79 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 79 Page - Analog Devices

Back Button OP191 Datasheet HTML 75Page - Analog Devices OP191 Datasheet HTML 76Page - Analog Devices OP191 Datasheet HTML 77Page - Analog Devices OP191 Datasheet HTML 78Page - Analog Devices OP191 Datasheet HTML 79Page - Analog Devices OP191 Datasheet HTML 80Page - Analog Devices OP191 Datasheet HTML 81Page - Analog Devices OP191 Datasheet HTML 82Page - Analog Devices OP191 Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 79 of 88
Parameter
16 MHz Core Clk
8 MHz Core Clock
EXTERNAL DATA MEMORY READ CYCLE
Min
Max
Min
Max
Unit
tRLRH
RD Pulse Width
60
125
ns
tAVLL
Address Valid after ALE Low
60
120
ns
tLLAX
Address Hold after ALE Low
145
290
ns
tRLDV
RD Low to Valid Data In
48
100
Ns
tRHDX
Data and Address Hold after RD
0
0
ns
tRHDZ
Data Float after RD
150
625
ns
tLLDV
ALE Low to Valid Data In
170
350
ns
tAVDV
Address to Valid Data In
230
470
ns
tLLWL
ALE Low to RD or WR Low
130
255
ns
tAVWL
Address Valid to RD or WR Low
190
375
ns
tRLAZ
RD Low to Address Float
15
35
ns
tWHLH
RD or WR High to ALE High
60
120
ns
ALE (O)
PORT 0 (I/O)
PORT 2 (O)
tWHLH
tLLDV
tLLWL
tRLRH
tAVWL
tLLAX
tAVLL
tRLAZ
tRHDX
tRHDZ
tAVDV
A0 A7 (OUT)
DATA (IN)
A16 A23
A8 A15
tRLDV
PSEN (O)
RD (O)
Figure 88. External Data Memory Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com