Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 81 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 81 Page - Analog Devices

Back Button OP191 Datasheet HTML 77Page - Analog Devices OP191 Datasheet HTML 78Page - Analog Devices OP191 Datasheet HTML 79Page - Analog Devices OP191 Datasheet HTML 80Page - Analog Devices OP191 Datasheet HTML 81Page - Analog Devices OP191 Datasheet HTML 82Page - Analog Devices OP191 Datasheet HTML 83Page - Analog Devices OP191 Datasheet HTML 84Page - Analog Devices OP191 Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 81 of 88
Parameter
I2C COMPATIBLE INTERFACE TIMING
Min
Max
Unit
tL
SCLOCK Low Pulse Width
1.3
µs
tH
SCLOCK High Pulse Width
0.6
µs
tSHD
Start Condition Hold Time
0.6
µs
tDSU
Data Setup Time
100
µs
tDHD
Data Hold Time
0.9
µs
tRSU
Setup Time for Repeated Start
0.6
µs
tPSU
Stop Condition Setup Time
0.6
µs
tBUF
Bus Free Time between a Stop Conditionand a Start Condition
1.3
µs
tR
Rise Time of Both SCLOCK and SDATA
300
ns
tF
Fall Time of Both SCLOCK and SDATA
300
ns
tSUP1
Pulse Width of Spike Suppressed
50
ns
1Input filtering on both the SCLOCK and SDATA inputs suppresses noise spikes less than 50 ns.
MSB
tBUF
SDATA (I/O)
SCLK (I)
STOP
CONDITION
START
CONDITION
REPEATED
START
LSB
ACK
MSB
1
2-7
8
9
1
S(R)
PS
tPSU
tDSU
tSHD
tDHD
tSUP
tDSU
tDHD
tH
tSUP
tL
tRSU
tR
tR
tF
tF
Figure 90. I2C Compatible Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com