Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 22 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 22 Page - Analog Devices

Back Button OP191 Datasheet HTML 18Page - Analog Devices OP191 Datasheet HTML 19Page - Analog Devices OP191 Datasheet HTML 20Page - Analog Devices OP191 Datasheet HTML 21Page - Analog Devices OP191 Datasheet HTML 22Page - Analog Devices OP191 Datasheet HTML 23Page - Analog Devices OP191 Datasheet HTML 24Page - Analog Devices OP191 Datasheet HTML 25Page - Analog Devices OP191 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 22 of 88
SPECIAL FUNCTION REGISTER BANKS
All registers except the program counter and the four general-
purpose register banks reside in the special function register
(SFR) area. The SFR registers include control, configuration,
and data registers, which provide an interface between the CPU
and other on-chip peripherals. Figure 27 shows a full SFR
memory map and SFR contents on reset. Unoccupied SFR
locations are shown dark-shaded in the figure (NOT USED).
Unoccupied locations in the SFR address space are not
implemented, i.e., no register exists at this location. If an
unoccupied location is read, an unspecified value is returned.
SFR locations reserved for on-chip testing are shown lighter
shaded (RESERVED) and should not be accessed by user
software. Sixteen of the SFR locations are also bit addressable
and denoted by 1 in Figure 27, i.e., the bit addressable SFRs are
those whose address ends in 0H or 8H.
SPICON1
F8H
04H
DAC0L
F9H
00H
DAC0H
FAH
00H
DAC1L
FBH
00H
DAC1H
FCH
00H
DACCON
FDH
04H
RESERVED
B1
F0H
00H
ADCOFSL3
F1H
00H
ADCOFSH3
F2H
20H
ADCGAINL3
F3H
00H
ADCGAINH3
F4H
00H
ADCCON3
F5H
00H
RESERVED
I2CCON1
E8H
00H
RESERVED
ACC1
E0H
00H
RESERVED
ADCCON21
D8H
00H
ADCDATAL
D9H
00H
ADCDATAH
DAH
00H
RESERVED
PSW1
D0H
00H
DMAL
D2H
00H
DMAH
D3H
00H
DMAP
D4H
00H
RESERVED
T2CON1
C8H
00H
RCAP2L
CAH
00H
RCAP2H
CBH
00H
TL2
CCH
00H
TH2
CDH
00H
RESERVED
WDCON1
C0H
10H
IP1
B8H
00H
ECON
B9H
00H
EDATA1
BCH
00H
EDATA2
BDH
00H
IE1
A8H
00H
IEIP2
A9H
A0H
P21
A0H
FFH
SCON1
98H
00H
SBUF
99H
00H
I2CDAT
9AH
00H
NOT USED
P11, 2
90H
FFH
NOT USED
TCON1
88H
00H
TMOD
89H
00H
TL0
8AH
00H
TL1
8BH
00H
TH0
8CH
00H
TH1
8DH
00H
P01
80H
FFH
SP
81H
07H
DPL
82H
00H
DPH
83H
00H
DPP
84H
00H
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
NOT USED
NOT USED
NOT USED
P31
B0H
FFH
NOT USED
NOT USED
SPIDAT
F7H
00H
ADCCON1
EFH
40H
RESERVED
PSMCON
DFH
DEH
EDARL
C6H
00H
EDATA3
BEH
00H
EDATA4
BFH
00H
NOT USED
PCON
87H
00H
ISPI
FFH
0
WCOL
FEH
0
SPE
FDH
0
SPIM
FCH
0
CPOL
FBH
0
CPHA
FAH
SPR1
F9H
0
SPR0
F8H
0
BITS
F7H
0 F6H
0 F5H
0 F4H
0 F3H
0 F2H
F1H
0 F0H
0
BITS
I2CSI/MDO
EFH
0 EEH
0
I2C1O1MCO
EDH
0 ECH
0 EBH
0 EAH
E9H
0 E8H
0
BITS
E7H
0 E6H
0 E5H
0 E4H
0 E3H
0 E2H
E1H
0 E0H
0
BITS
ADCI
DFH
0
DMA
DEH
0
CCONV
DDH
0
SCONV
DCH
0
CS3
DBH
0
CS2
DAH
CS1
D9H
0
CS0
D8H
0
BITS
CY
D7H
0
AC
D6H
0
F0
D5H
0
RS1
D4H
0
RS0
D3H
0
OV
D2H
FI
D1H
0
P
D0H
0
BITS
TF2
CFH
0
EXF2
CEH
0
RCLK
CDH
0
TCLK
CCH
0
EXEN2
CBH
0
TR2
CAH
CNT2
C9H
0
CAP2
C8H
0
BITS
PRE3
C7H
0
PRE2
C6H
0
PRE1
C5H
0 C4H
1
WDIR
C3H
0
WDS
C2H
WDE
C1H
0
WDWR
C0H
0
BITS
PSI
BFH
0
PADC
BEH
0
PT2
BDH
0
PS
BCH
0
PT1
BBH
0
PX1
BAH
PT0
B9H
0
PX0
B8H
0
BITS
RD
B7H
1
WR
B6H
1
T1
B5H
1
T0
B4H
1
INT1
B3H
1
INT0
B2H
TxD
B1H
1
RxD
B0H
1
BITS
EA
AFH
EADC
AEH
ET2
ADH
ES
ACH
0
ET1
ABH
0
EX1
AAH
ET0
A9H
0
EX0
A8H
0
BITS
A7H
A6H
A5H
1 A4H
1 A3H
1 A2H
A1H
1 A0H
1
BITS
SM0
9FH
0
SM1
9EH
0
SM2
9DH
0
REN
9CH
0
TB8
9BH
0
RB8
9AH
TI
99H
0
RI
98H
0
BITS
97H
1 96H
1 95H
1 94H
1 93H
1 92H
T2EX
91H
1
T2
90H
1
BITS
TF1
8FH
0
TR1
8EH
0
TF0
8DH
0
TR0
8CH
0
IE1
8BH
0
IT1
8AH
IE0
89H
0
IT0
88H
0
BITS
87H
1 86H
1 85H
1 84H
1 83H
1 82H
81H
1 80H
1
BITS
1
1
0
1
0
1
IE0
89H
0
IT0
88H
0
TCON
88H
00H
MNEMONIC
SFR ADDRESS
DEFAULT VALUE
MNEMONIC
DEFAULT VALUE
SFR ADDRESS
THESE BITS ARE CONTAINED IN THIS BYTE.
SFR MAP KEY:
NOTES
1SFRs WHOSE ADDRESS ENDS IN 0H OR 8H ARE BIT ADDRESSABLE.
2THE PRIMARY FUNCTION OF PORT1 IS AS AN ANALOG INPUT PORT; THEREFORE, TO ENABLE THE DIGITAL SECONDARY FUNCTIONS ON THESE
PORT PINS, WRITE A 0 TO THE CORRESPONDING PORT 1 SFR BIT.
3CALIBRATION COEFFICIENTS ARE PRECONFIGURED ON POWER-UP TO FACTORY CALIBRATED VALUES.
1
RESERVED
RESERVED
RESERVED
0
0
0
0
0
0
0
0
0
0
00
11
TIMECON
HTHSEC
SEC
MIN
HOUR
INTVAL
DPCON
A1H
A2H
A3H
A4H
A5H
A6H
A7H
00H
00H
00H
00H
00H
00H
00H
RESERVED
RESERVED RESERVED RESERVED
RESERVED RESERVED
PWMCON
AEH
00H
CFG841/
CFG842
AFH
00H
RESERVED RESERVED
T3FD
T3CON
9DH
9EH
00H
00H
PWM0L
PWM0H
PWM1L
PWM1H
SPH
00H
00H
00H
00H
00H
B1H
B2H
B3H
B4H
B7H
RESERVED
RESERVED RESERVED
CHIPID
C2H
XXH
EDARH
C7H
00H
I2CGC/MDE
I2CM
RESERVED
PRE0
PLLCON
D7H
53H
I2C1O0/MDI
I2CRS
I2CTX
I2CI
I2CADD
9BH
55H
I2CADD1
91H
7FH
I2CADD2
92H
7FH
I2CADD3
93H
7FH
Figure 27. Special Function Register Locations and Reset Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com