Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 61 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 61 Page - Analog Devices

Back Button OP191 Datasheet HTML 57Page - Analog Devices OP191 Datasheet HTML 58Page - Analog Devices OP191 Datasheet HTML 59Page - Analog Devices OP191 Datasheet HTML 60Page - Analog Devices OP191 Datasheet HTML 61Page - Analog Devices OP191 Datasheet HTML 62Page - Analog Devices OP191 Datasheet HTML 63Page - Analog Devices OP191 Datasheet HTML 64Page - Analog Devices OP191 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 61 of 88
TCON
Timer/Counter 0 and 1
Control Register
SFR Address
88H
Power-On Default
00H
Bit Addressable
Yes
Table 29. TCON SFR Bit Designations
Bit No.
Name
Description
7
TF1
Timer 1 Overflow Flag.
Set by hardware on a Timer/Counter 1 overflow.
Cleared by hardware when the program counter (PC) vectors to the interrupt service routine.
6
TR1
Timer 1 Run Control Bit.
Set by the user to turn on Timer/Counter 1.
Cleared by the user to turn off Timer/Counter 1.
5
TF0
Timer 0 Overflow Flag.
Set by hardware on a Timer/Counter 0 overflow.
Cleared by hardware when the PC vectors to the interrupt service routine.
4
TR0
Timer 0 Run Control Bit.
Set by the user to turn on Timer/Counter 0.
Cleared by the user to turn off Timer/Counter 0.
3
IE11
External Interrupt 1 (INT1) Flag.
Set by hardware by a falling edge or by a zero level being applied to the external interrupt pin, INT1, depending on
the state of Bit IT1.
Cleared by hardware when the PC vectors to the interrupt service routine only if the interrupt was transition-
activated. If level-activated, the external requesting source controls the request flag, rather than the on-chip
hardware.
2
IT11
External Interrupt 1 (IE1) Trigger Type.
Set by software to specify edge-sensitive detection, i.e., 1-to-0 transition.
Cleared by software to specify level-sensitive detection, i.e., zero level.
1
IE01
External Interrupt 0 (INT0) Flag.
Set by hardware by a falling edge or by a zero level being applied to external interrupt pin INT0, depending on the
state of Bit IT0.
Cleared by hardware when the PC vectors to the interrupt service routine only if the interrupt was transition-
activated. If level-activated, the external requesting source controls the request flag, rather than the on-chip
hardware.
0
IT01
External Interrupt 0 (IE0) Trigger Type.
Set by software to specify edge-sensitive detection, i.e.,1-to-0 transition.
Cleared by software to specify level-sensitive detection, i.e., zero level.
1These bits are not used in the control of Timer/Counter 0 and 1, but are used instead in the control and monitoring of the external INT0 and INT1 interrupt pins.
Timer/Counter 0 and 1 Data Registers
Each timer consists of two 8-bit registers. These can be used as
independent registers or combined into a single 16-bit register
depending on the timer mode configuration.
TH0 and TL0
Timer 0 high byte and low byte.
SFR Address = 8CH 8AH, respectively.
TH1 and TL1
Timer 1 high byte and low byte.
SFR Address = 8DH, 8BH, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com