Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 5 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 5 Page - Analog Devices

  OP191 Datasheet HTML 1Page - Analog Devices OP191 Datasheet HTML 2Page - Analog Devices OP191 Datasheet HTML 3Page - Analog Devices OP191 Datasheet HTML 4Page - Analog Devices OP191 Datasheet HTML 5Page - Analog Devices OP191 Datasheet HTML 6Page - Analog Devices OP191 Datasheet HTML 7Page - Analog Devices OP191 Datasheet HTML 8Page - Analog Devices OP191 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 5 of 88
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
LOGIC INPUTS4
INPUT VOLTAGES
All Inputs Except SCLOCK, SDATA, RESET, and
XTAL1
VINL, Input Low Voltage
VINH, Input High Voltage
SDATA
VINL, Input Low Voltage
VINH, Input High Voltage
0.8
2.0
0.8
2.0
0.4
2.0
0.8
2.0
V max
V min
V max
V min
SCLOCK and RESET Only4
(Schmitt-Triggered Inputs)
VT+
VT–
VT+ – VT–
1.3
3.0
0.8
1.4
0.3
0.85
0.95
0.25
0.4
1.1
0.3
0.85
V min
V max
V min
V max
V min
V max
CRYSTAL OSCILLATOR
Logic Inputs, XTAL1 Only
VINL, Input Low Voltage
0.8
0.4
V typ
VINH, Input High Voltage
3.5
2.5
V typ
XTAL1 Input Capacitance
18
18
pF typ
XTAL2 Output Capacitance
18
18
pF typ
MCU CLOCK RATE
16.78
20
8.38
8.38
MHz max
MHz max
ADuC842/ADuC843 Only
ADuC841 Only
DIGITAL OUTPUTS
Output High Voltage (VOH)
2.4
V min
VDD = 4.5 V to 5.5 V
4
V typ
ISOURCE = 80 µA
2.4
V min
VDD = 2.7 V to 3.3 V
2.6
V typ
ISOURCE = 20 µA
Output Low Voltage (VOL)
ALE, Ports 0 and 2
0.4
0.4
V max
ISINK = 1.6 mA
0.2
0.2
V typ
ISINK = 1.6 mA
Port 3
0.4
0.4
V max
ISINK = 4 mA
SCLOCK/SDATA
0.4
0.4
V max
ISINK = 8 mA, I2C Enabled
Floating State Leakage Current4
±10
±10
µA max
±1
±1
µA typ
STARTUP TIME
At any core CLK
At Power-On
500
500
ms typ
From Idle Mode
100
100
µs typ
From Power-Down Mode
Wake-up with INT0 Interrupt
150
400
µs typ
Wake-up with SPI/I2C Interrupt
150
400
µs typ
Wake-up with External RESET
150
400
µs typ
After External RESET in Normal Mode
30
30
ms typ
After WDT Reset in Normal Mode
3
3
ms typ
Controlled via WDCON SFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com