Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 74 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 74 Page - Analog Devices

Back Button OP191 Datasheet HTML 70Page - Analog Devices OP191 Datasheet HTML 71Page - Analog Devices OP191 Datasheet HTML 72Page - Analog Devices OP191 Datasheet HTML 73Page - Analog Devices OP191 Datasheet HTML 74Page - Analog Devices OP191 Datasheet HTML 75Page - Analog Devices OP191 Datasheet HTML 76Page - Analog Devices OP191 Datasheet HTML 77Page - Analog Devices OP191 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 74 of 88
Power Consumption
The currents consumed by the various sections of the part are
shown in Table 40. The core values given represent the current
drawn by DVDD, while the rest (ADC, DAC, voltage ref) are
pulled by the AVDD pin and can be disabled in software when
not in use. The other on-chip peripherals (such as the watchdog
timer and the power supply monitor) consume negligible
current, and are therefore lumped in with the core operating
current here. Of course, the user must add any currents sourced
by the parallel and serial I/O pins, and sourced by the DAC, in
order to determine the total current needed at the supply pins.
Also, current drawn from the DVDD supply increases by approxi-
mately 10 mA during Flash/EE erase and program cycles.
Table 40. Typical IDD of Core and Peripherals
VDD = 5 V
VDD = 3 V
Core(Normal Mode)
(2.2 nA
× MCLK)
(1.4 nA
× MCLK)
ADC
1.7 mA
1.7 mA
DAC (Each)
250 µA
200 µA
Voltage Ref
200 µA
150 µA
Since operating DVDD current is primarily a function of clock
speed, the expressions for core supply current in Table 40 are
given as functions of MCLK, the core clock frequency. Plug in a
value for MCLK in hertz to determine the current consumed by
the core at that oscillator frequency. Since the ADC and DACs
can be enabled or disabled in software, add only the currents
from the peripherals you expect to use. And again, do not forget
to include current sourced by I/O pins, serial port pins, DAC
outputs, and so forth, plus the additional current drawn during
Flash/EE erase and program cycles. A software switch allows the
chip to be switched from normal mode into idle mode, and also
into full power-down mode. Brief descriptions of idle and
power-down modes follow.
Power Saving Modes
In idle mode, the oscillator continues to run, but the core clock
generated from the PLL is halted. The on-chip peripherals
continue to receive the clock, and remain functional. The CPU
status is preserved with the stack pointer and program counter,
and all other internal registers maintain their data during idle
mode. Port pins and DAC output pins retain their states in this
mode. The chip recovers from idle mode upon receiving any
enabled interrupt, or upon receiving a hardware reset.
In full power-down mode, both the PLL and the clock to the
core are stopped. The on-chip oscillator can be halted or can
continue to oscillate, depending on the state of the oscillator
power-down bit in the PLLCON SFR. The TIC, being driven
directly from the oscillator, can also be enabled during power-
down. All other on-chip peripherals are, however, shut down.
Port pins retain their logic levels in this mode, but the DAC
output goes to a high impedance state (three-state). During full
power-down mode, the part consumes a total of approximately
20 µA. There are five ways of terminating power-down mode:
Asserting the RESET Pin (Pin 15)
Returns to normal mode. All registers are set to their default
state and program execution starts at the reset vector once the
RESET pin is de-asserted.
Cycling Power
All registers are set to their default state and program execution
starts at the reset vector approximately 128 ms later.
Time Interval Counter (TIC) Interrupt
Power-down mode is terminated, and the CPU services the TIC
interrupt. The RETI at the end of the TIC ISR returns the core
to the instruction after the one that enabled power-down.
I2C or SPI Interrupt
Power-down mode is terminated, and the CPU services the
I2C/SPI interrupt. The RETI at the end of the ISR returns the
core to the instruction after the one that enabled power-down.
Note that the I2C/SPI power-down interrupt enable bit (SERIPD)
in the PCON SFR must be set to allow this mode of operation.
INT0 Interrupt
Power-down mode is terminated, and the CPU services the
INT0 interrupt. The RETI at the end of the ISR returns the core
to the instruction after the one that enabled power-down. The
INT0 pin must not be driven low during or within two machine
cycles of the instruction that initiates power-down mode. Note
that the INT0 power-down interrupt enable bit (INT0PD) in
the PCON SFR must be set to allow this mode of operation.
Power-On Reset (POR)
An internal POR is implemented on the ADuC841/ADuC842/
ADuC843.
3 V Part
For DVDD below 2.45 V, the internal POR holds the part in reset.
As DVDD rises above 2.45 V, an internal timer times out for
approximately 128 ms before the part is released from reset. The
user must ensure that the power supply has reached a stable
2.7 V minimum level by this time. Likewise on power-down, the
internal POR holds the part in reset until the power supply has
dropped below 1 V. Figure 82 illustrates the operation of the
internal POR in detail.
128ms TYP
1.0V TYP
128ms TYP
2.45V TYP
1.0V TYP
INTERNAL
CORE RESET
DVDD
Figure 82. Internal POR Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com