Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 65 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 65 Page - Analog Devices

Back Button OP191 Datasheet HTML 61Page - Analog Devices OP191 Datasheet HTML 62Page - Analog Devices OP191 Datasheet HTML 63Page - Analog Devices OP191 Datasheet HTML 64Page - Analog Devices OP191 Datasheet HTML 65Page - Analog Devices OP191 Datasheet HTML 66Page - Analog Devices OP191 Datasheet HTML 67Page - Analog Devices OP191 Datasheet HTML 68Page - Analog Devices OP191 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 65 of 88
UART SERIAL INTERFACE
The serial port is full-duplex, meaning it can transmit and
receive simultaneously. It is also receive-buffered, meaning it
can begin receiving a second byte before a previously received
byte has been read from the receive register. However, if the first
byte still has not been read by the time reception of the second
byte is complete, the first byte is lost. The physical interface to
the serial data network is via Pins RxD(P3.0) and TxD(P3.1),
while the SFR interface to the UART is comprised of SBUF and
SCON, as described below.
SBUF
Both the serial port receive and transmit registers are accessed
through the SBUF SFR (SFR address = 99H). Writing to SBUF
loads the transmit register, and reading SBUF accesses a
physically separate receive register.
SCON UART
Serial Port Control Register
SFR Address
98H
Power-On Default
00H
Bit Addressable
Yes
Table 32. SCON SFR Bit Designations
Bit No.
Name
Description
7
SM0
UART Serial Mode Select Bits.
These bits select the serial port operating mode as follows:
SM0
SM1
Selected Operating Mode.
0
0
Mode 0: Shift Register, fixed baud rate (Core_Clk/2).
0
1
Mode 1: 8-bit UART, variable baud rate.
1
0
Mode 2: 9-bit UART, fixed baud rate (Core_Clk/32) or (Core_Clk/16).
6
SM1
1
1
Mode 3: 9-bit UART, variable baud rate.
5
SM2
Multiprocessor Communication Enable Bit.
Enables multiprocessor communication in Modes 2 and 3.
In Mode 0, SM2 must be cleared.
In Mode 1, if SM2 is set, RI is not activated if a valid stop bit was not received. If SM2 is cleared, RI is set as soon as the
byte of data has been received.
In Modes 2 or 3, if SM2 is set, RI is not activated if the received 9th data bit in RB8 is 0.
If SM2 is cleared, RI is set as soon as the byte of data has been received.
4
REN
Serial Port Receive Enable Bit.
Set by user software to enable serial port reception.
Cleared by user software to disable serial port reception.
3
TB8
Serial Port Transmit (Bit 9).
The data loaded into TB8 is the 9th data bit transmitted in Modes 2 and 3.
2
RB8
Serial Port Receiver Bit 9.
The 9th data bit received in Modes 2 and 3 is latched into RB8. For Mode 1, the stop bit is latched into RB8.
1
TI
Serial Port Transmit Interrupt Flag.
Set by hardware at the end of the 8th bit in Mode 0, or at the beginning of the stop bit in Modes 1, 2, and 3.
TI must be cleared by user software.
0
RI
Serial Port Receive Interrupt Flag.
Set by hardware at the end of the 8th bit in Mode 0, or halfway through the stop bit in Modes 1, 2, and 3.
RI must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com