Electronic Components Datasheet Search
  English  ▼

X  

OP191 Datasheet(PDF) 48 Page - Analog Devices

Part # OP191
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP191 Datasheet(HTML) 48 Page - Analog Devices

Back Button OP191 Datasheet HTML 44Page - Analog Devices OP191 Datasheet HTML 45Page - Analog Devices OP191 Datasheet HTML 46Page - Analog Devices OP191 Datasheet HTML 47Page - Analog Devices OP191 Datasheet HTML 48Page - Analog Devices OP191 Datasheet HTML 49Page - Analog Devices OP191 Datasheet HTML 50Page - Analog Devices OP191 Datasheet HTML 51Page - Analog Devices OP191 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 48 of 88
I2C COMPATIBLE INTERFACE
The ADuC841/ADuC842/ADuC843 support a fully licensed
I2C serial interface. The I2C interface is implemented as a full
hardware slave and software master. SDATA is the data I/O pin,
and SCLOCK is the serial clock. These two pins are shared with
the MOSI and SCLOCK pins of the on-chip SPI interface. To
enable the I2C interface, the SPI interface must be turned off
(see SPE in Table 18) or the SPI interface must be moved to
P3.3, P3.4, and P3.5 via the CFG841.1/CFG842.1 bit. Application
Note uC001 describes the operation of this interface as imple-
mented and is available from the MicroConverter website at
www.analog.com/microconverter.
Three SFRs are used to control the I2C interface and are
described in the following tables.
I2CCON
I2C Control Register
SFR Address
E8H
Power-On Default
00H
Bit Addressable
Yes
Table 19. I2CCON SFR Bit Designations, Master Mode
Bit No.
Name
Description
7
MDO
I2C Software Master Data Output Bit (Master Mode Only).
This data bit is used to implement a master I2C transmitter interface in software. Data written to this bit is output on
the SDATA pin if the data output enable (MDE) bit is set.
6
MDE
I2C Software Master Data Output Enable Bit (Master Mode Only).
Set by the user to enable the SDATA pin as an output (Tx).
Cleared by the user to enable the SDATA pin as an input (Rx).
5
MCO
I2C Software Master Clock Output Bit (Master Mode Only).
This data bit is used to implement a master I2C transmitter interface in software. Data written to this bit is output on
the SCLOCK pin.
4
MDI
I2C Software Master Data Input Bit (Master Mode Only).
This data bit is used to implement a master I2C receiver interface in software. Data on the SDATA pin is latched into
this bit on SCLOCK if the data output enable (MDE) bit is 0.
3
I2CM
I2C Master/Slave Mode Bit.
Set by the user to enable I2C software master mode.
Cleared by the user to enable I2C hardware slave mode.
2
----
Reserved.
1
----
Reserved.
0
----
Reserved.
Table 20. I2CCON SFR Bit Designations, Slave Mode
Bit No.
Name
Description
7
I2CSI
I2C Stop Interrupt Enable Bit.
Set by the user to enable I2C stop interrupts. If set, a stop bit that follows a valid start condition generates an
interrupt.
Cleared by the user to disable I2C stop interrupts.
6
I2CGC
I2C General Call Status Bit.
Set by hardware after receiving a general call address.
Cleared by the user.
5
I2CID1
I2C Interrupt Decode Bits.
4
I2CID0
Set by hardware to indicate the source of an I2C interrupt.
00
Start and Matching Address.
01
Repeated Start and Matching Address.
10
User Data.
11
Stop after a Start and Matching Address.
3
I2CM
I2C Master/Slave Mode Bit.
Set by the user to enable I2C software master mode.
Cleared by the user to enable I2C hardware slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com