| Electronic Components Datasheet Search |
|
OP191 Datasheet(PDF) 59 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP191 Datasheet(HTML) 59 Page - Analog Devices |
|
59 / 88 page ![]() ADuC841/ADuC842/ADuC843 Rev. 0 | Page 59 of 88 MOSI is shared with P3.3 and, as such, has the same configuration as the one shown in Figure 61. MCO I2C M Q3 Q4 SCLOCK PIN Q2 Q1 (OFF) DVDD 50ns GLITCH REJECTION FILTER SPE = 0 (I2C ENABLE) HARDWARE I2C (SLAVE ONLY) SFR BITS Figure 63. SCLOCK Pin I/O Functional Equivalent in I2C Mode Q3 Q1 Q2 (OFF) DVDD Q4 (OFF) SDATA/ MOSI PIN SPE = 1 (SPI ENABLE) HARDWARE SPI (MASTER/SLAVE) Figure 64. SDATA/MOSI Pin I/O Functional Equivalent in SPI Mode Q3 Q4 Q2 Q1 DVDD MCO SDATA/ MOSI PIN (OFF) 50ns GLITCH REJECTION FILTER SPE = 0 (I2C ENABLE) HARDWARE I2C (SLAVE ONLY) SFR BITS MCI MDE I2C M Figure 65. SDATA/MOSI Pin I/O Functional Equivalent in I2C Mode Read-Modify-Write Instructions Some 8051 instructions that read a port read the latch while others read the pin. The instructions that read the latch rather than the pins are the ones that read a value, possibly change it, and then rewrite it to the latch. These are called read-modify- write instructions, which are listed below. When the destination operand is a port or a port bit, these instructions read the latch rather than the pin. Table 27. Read-Write-Modify Instructions Instruction Description ANL Logical AND, e.g., ANL P1, A ORL (Logical OR, e.g., ORL P2, A XRL (Logical EX-OR, e.g., XRL P3, A JBC Jump if Bit = 1 and clear bit, e.g., JBC P1.1, LABEL CPL Complement bit, e.g., CPL P3.0 INC Increment, e.g., INC P2 DEC Decrement, e.g., DEC P2 DJNZ Decrement and Jump if Not Zero, e.g., DJNZ P3, LABEL MOV PX.Y, C1 Move Carry to Bit Y of Port X CLR PX.Y1 Clear Bit Y of Port X SETB PX.Y1 Set Bit Y of Port X 1 These instructions read the port byte (all 8 bits), modify the addressed bit, and then write the new byte back to the latch. Read-modify-write instructions are directed to the latch rather than to the pin to avoid a possible misinterpretation of the voltage level of a pin. For example, a port pin might be used to drive the base of a transistor. When 1 is written to the bit, the transistor is turned on. If the CPU then reads the same port bit at the pin rather than the latch, it reads the base voltage of the transistor and interprets it as a Logic 0. Reading the latch rather than the pin returns the correct value of 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |